Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5114 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X5114
Description  System Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5114 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X5114 Datasheet HTML 7Page - Xicor Inc. X5114 Datasheet HTML 8Page - Xicor Inc. X5114 Datasheet HTML 9Page - Xicor Inc. X5114 Datasheet HTML 10Page - Xicor Inc. X5114 Datasheet HTML 11Page - Xicor Inc. X5114 Datasheet HTML 12Page - Xicor Inc. X5114 Datasheet HTML 13Page - Xicor Inc. X5114 Datasheet HTML 14Page - Xicor Inc. X5114 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
X5114
11
Table 3. Multiple Register Write Order (WMPR)
WDVRA, WDVRB
NONVOLATILE
Write Desired Value Register A, B
The WDVRA and WDVRB instructions write data to the
Desired Value Registers. See Figure 9 on page 10.
In the general I/O mode, these instructions load the
Desired Value Registers with desired data to monitor the
input/output pin level (Fault Monitoring). This data value
compares with the signal on the corresponding input port
pins. Any differences can generate an interrupt. Taking
CSa or CSb HIGH following the WDVRA or WDVRB
instruction starts a nonvolatile write cycle that mirrors the
data into a nonvolatile location. Power cycling the device
restores the nonvolatile value to the DVRA and DVRB
registers.
In the handshake mode, the WDVRA instruction writes
data directly to the Port A output pins (i.e., no nonvolatile
write cycle) and triggers an output handshake sequence.
The WDVRB instruction writes data directly to the Port B
output pins 3-0 (pins 7-4 are not available since they are
part of the handshake mechanism). Data on Port B pins
3-0 are mirrored into a nonvolatile location by a
nonvolatile write cycle.
WDDRA, WDDRB
NONVOLATILE
Write Data Direction Register A, B
The WDDRA and WDDRB instructions write new data to
the Data Direction Registers. See Figure 9 on page 10.
This selects the direction of each of the port pins.
Read Error Conditions
RIAE, RIBE
Read IRQA, IRQB Error Register
The RIAE and RIBE instructions return the contents of
the IRQ Error Registers. See Figure 8 on page 10. This
provides status on port error conditions.
RFCR
Read Failed Command Register
The Read Failed Command Register instruction allows
the host to track the most recent bad command. A bad
command is defined as one with:
• an unknown or illegal instruction opcode
• an incomplete transmission of a command which can
be instruction opcode, address, or data. As an exam-
ple, CSa or CSb goes HIGH when the clock count is
not a multiple of 8.
Detection of a bad command sets a Failed Command
(FC) flag in the Status Register (SR) and asserts the
IRQA or IRQB signal, if enabled. The Failed Command
Register contains the Error information. The host read of
the Failed Command Register clears IRQA and IRQB
signals and the FC flag. However, the RFCR instruction
will not clear the Failed Command Register.
The FCR will only store the most recent bad command if
there were more than one bad command in a sequence.
Also the information in the FCR is only updated when a
bad command is discovered.
Read Configuration
RIAM, RIBM
Read IRQA, IRQB Mask Register
The RIAM and RIBM instructions return the contents of
the respective IRQ Mask Register. See Figure 8 on page
10.
RICR
Read IRQ Configuration Register
The RICR instruction returns the contents of the IRQ
Configuration Register. See Figure 8 on page 10.
RPCR
Read Port I/O Configuration Register
The RPCR instruction returns the contents of the PORT
I/O Configuration Register. See Figure 8 on page 10.
Write
Order
Register
Description
1
DVRA
Desired Value Reg. A
2
DVRB
Desired Value Reg. B
3
DDRA
Data Direction Reg. A
4
DDRB
Data Direction Reg. B
5
IAM
IRQ Mask Register A
6
IBM
IRQ Mask Register B
7
PCR
Port I/O Configuration Register
8
CR
Configuration Register
9
ICR
IRQ Configuration Register


Similar Part No. - X5114

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
X512LE0 SENSORTECHNICS-X512LE0 Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LEB SENSORTECHNICS-X512LEB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LF0 SENSORTECHNICS-X512LF0 Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LFB SENSORTECHNICS-X512LFB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LS0 SENSORTECHNICS-X512LS0 Datasheet
91Kb / 4P
   8 mm switching soleniod valves
More results

Similar Description - X5114

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
   System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
logo
PMC-Sierra, Inc
PM8172 PMC-PM8172 Datasheet
43Kb / 2P
   PM8172 System Controller
logo
SMSC Corporation
83C795 SMSC-83C795 Datasheet
2Mb / 136P
   Ethernet System Controller
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Advanced Micro Devices
AM9513A AMD-AM9513A Datasheet
2Mb / 39P
   SYSTEM TIMING CONTROLLER
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com