Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5114LI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X5114LI
Description  System Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5114LI Datasheet(HTML) 4 Page - Xicor Inc.

  X5114LI Datasheet HTML 1Page - Xicor Inc. X5114LI Datasheet HTML 2Page - Xicor Inc. X5114LI Datasheet HTML 3Page - Xicor Inc. X5114LI Datasheet HTML 4Page - Xicor Inc. X5114LI Datasheet HTML 5Page - Xicor Inc. X5114LI Datasheet HTML 6Page - Xicor Inc. X5114LI Datasheet HTML 7Page - Xicor Inc. X5114LI Datasheet HTML 8Page - Xicor Inc. X5114LI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
X5114
4
The master will always initiate data transfers and provide
the clock for both transmit and receive operations. The
X5114 is considered a slave for all operations.
The X5114 has special addressing mechanisms to allow
up to 255 devices (or more after using the NOP
command) to reside on one SPI communication bus.
This reduces the number of bus lines required to talk to
multiple X5114 devices.
Communication to the device begins with a start
condition. This consists of the falling edge of CSa or CSb.
Following a CSa/CSb HIGH to LOW, the master selects
one of many X5114 devices on the SPI bus, by
transmitting
a
slave
address
(Software
Device
Addressing) or selects the only device on the bus using
the CSa/CSb signal (Hardware Device Addressing).
Software Device Addressing Mode
In this device addressing mode, each X5114 has a
unique slave address externally specified by the A7-A0
pins. The first byte transmitted to the device contains the
device address. This address is compared with the
external address pins, A7-A0. If matched, the device
performs the task specified by the Instruction opcode
sent in the next byte. If there is no match, the X5114
returns to the standby state.
Device Address (Software Addressing only)
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
MSB
LSB
FIGURE 1. SPI Communications - Addressing Modes (Read example)
CSO
Software Addressed:
D D D D D D D D
O O O O
CSa/CSb
SCKa/SCKb
SIa/SIb
SOa/SOb
Device Address
Instruction
Data In
O O
O
O
D D D D
D D
D
D
7 6
5 4 3 2 1 0
7
6 5
4 3 2 1 0
S S S S S S S S
7 6 5 4 3 2 1
0
7 6 5 4 3 2 1 0
Don’t Care
Status
Data Out
CSO
D D D D D D D D
CSa/CSb
SCKa/SCKb
SIa/SIb
SOa/SOb
Instruction
Data In
S S S S S S S S
7
6 5 4 3 2 1
0
7 6 5 4 3 2 1 0
Don’t Care
Status
Data Out
Hardware Addressed:
A A A A A A A A
P P P P P P P P
O O O O
O O
O
O
7 6
5 4 3 2 1 0
P P P P P P P P


Similar Part No. - X5114LI

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
X512LE0 SENSORTECHNICS-X512LE0 Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LEB SENSORTECHNICS-X512LEB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LF0 SENSORTECHNICS-X512LF0 Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LFB SENSORTECHNICS-X512LFB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LS0 SENSORTECHNICS-X512LS0 Datasheet
91Kb / 4P
   8 mm switching soleniod valves
More results

Similar Description - X5114LI

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
   System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
logo
PMC-Sierra, Inc
PM8172 PMC-PM8172 Datasheet
43Kb / 2P
   PM8172 System Controller
logo
SMSC Corporation
83C795 SMSC-83C795 Datasheet
2Mb / 136P
   Ethernet System Controller
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Advanced Micro Devices
AM9513A AMD-AM9513A Datasheet
2Mb / 39P
   SYSTEM TIMING CONTROLLER
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com