Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5114J Datasheet(PDF) 8 Page - Xicor Inc.

Part # X5114J
Description  System Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5114J Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X5114J Datasheet HTML 4Page - Xicor Inc. X5114J Datasheet HTML 5Page - Xicor Inc. X5114J Datasheet HTML 6Page - Xicor Inc. X5114J Datasheet HTML 7Page - Xicor Inc. X5114J Datasheet HTML 8Page - Xicor Inc. X5114J Datasheet HTML 9Page - Xicor Inc. X5114J Datasheet HTML 10Page - Xicor Inc. X5114J Datasheet HTML 11Page - Xicor Inc. X5114J Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
X5114
8
WMH
NONVOLATILE
Write Memory High
The Write Memory High instruction allows users to write
new data to the upper half of the memory array from
$100h to $1FFh. Its function is similar to Write Memory
Low.
SWEL
VOLATILE
Set Write Enable Latch
The Set Write Enable Latch instruction sets the Write
Enable Latch. This instruction must be completed before
any nonvolatile write cycle operation can begin. Setting
the WEL is not required prior to a write to a volatile
register. Setting the Write Enable Latch sets the WEL flag
in the Status Register (SR) to “1”. The Write Enable Latch
remains set until a Reset WEL instruction, the device
powers down, or the completion of a nonvolatile write
operation.
RWEL
VOLATILE
Reset Write Enable Latch
The Reset Write Enable Latch instruction resets the
Write Enable Latch. Resetting the Write Enable Latch
resets the WEL flag in the Status Register (SR) to “0”.
The WEL bit LOW inhibits any nonvolatile memory write
operation.
Figure 3. Read Memory (RML or RMH)
Figure 4. Write Memory (WML or WMH)
CSa/CSb
SIa/SIb
SOa/SOb
Device
Address
Instruction
Opcode
Memory
Address
SR
Memory
Data-1st
Memory
Data-512nd
• • • • • • • •
Data
CSa/CSb
SIa, SIb
SOa, SOb
Device
Address
Instruction
Opcode
Memory
Address
Memory
Data-1st
Memory
Data-32nd
• • • • • • • •
Nonvolatile
Write Cycle
SR
Data
Figure 5. Set/Reset Write Enable Latch (SWEL/RWEL)
CSa/CSb
SIa/SIb
SOa/SOb
Device
Address
Instruction
Opcode
SR
Data


Similar Part No. - X5114J

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
X512LE0 SENSORTECHNICS-X512LE0 Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LEB SENSORTECHNICS-X512LEB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LF0 SENSORTECHNICS-X512LF0 Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LFB SENSORTECHNICS-X512LFB Datasheet
91Kb / 4P
   8 mm switching soleniod valves
X512LS0 SENSORTECHNICS-X512LS0 Datasheet
91Kb / 4P
   8 mm switching soleniod valves
More results

Similar Description - X5114J

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
   System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
logo
PMC-Sierra, Inc
PM8172 PMC-PM8172 Datasheet
43Kb / 2P
   PM8172 System Controller
logo
SMSC Corporation
83C795 SMSC-83C795 Datasheet
2Mb / 136P
   Ethernet System Controller
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Advanced Micro Devices
AM9513A AMD-AM9513A Datasheet
2Mb / 39P
   SYSTEM TIMING CONTROLLER
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com