Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS256K32N-30G4MA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS256K32N-30G4MA
Description  256Kx32 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS256K32N-30G4MA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS256K32N-30G4MA Datasheet HTML 1Page - List of Unclassifed Manufacturers WS256K32N-30G4MA Datasheet HTML 2Page - List of Unclassifed Manufacturers WS256K32N-30G4MA Datasheet HTML 3Page - List of Unclassifed Manufacturers WS256K32N-30G4MA Datasheet HTML 4Page - List of Unclassifed Manufacturers WS256K32N-30G4MA Datasheet HTML 5Page - List of Unclassifed Manufacturers WS256K32N-30G4MA Datasheet HTML 6Page - List of Unclassifed Manufacturers WS256K32N-30G4MA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WS256K32-XXX
AC CHARACTERISTICS
(VCC = 5.0V, GND = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-20
-25
-35
Units
Read Cycle
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
20
25
35
ns
Address Access Time
tAA
20
25
35
ns
Output Hold from Address Change
tOH
00
0
ns
Chip Select Access Time
tACS
20
25
35
ns
Output Enable to Output Valid
tOE
12
15
20
ns
Chip Select to Output in Low Z
tCLZ1
55
5
ns
Output Enable to Output in Low Z
tOLZ1
00
0
ns
Chip Disable to Output in High Z
tCHZ1
12
15
20
ns
Output Disable to Output in High Z
tOHZ1
12
15
20
ns
1. This parameter is guaranteed by design but not tested.
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
FIG. 3
AC TEST CIRCUIT
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
AC CHARACTERISTICS
(VCC = 5.0V, GND = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-20
-25
-35
Units
Write Cycle
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
20
25
35
ns
Chip Select to End of Write
tCW
17
20
25
ns
Address Valid to End of Write
tAW
17
20
25
ns
Data Valid to End of Write
tDW
12
15
20
ns
Write Pulse Width
tWP
17
20
25
ns
Address Setup Time
tAS
000
ns
Address Hold Time
tAH
222
ns
Output Active from End of Write
tOW1
000
ns
Write Enable to Output in High Z
tWHZ1
81015
ns
Data Hold Time
tDH
000
ns
1. This parameter is guaranteed by design but not tested.


Similar Part No. - WS256K32N-30G4MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS256K64-20G4WC ETC-WS256K64-20G4WC Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-20G4WI ETC-WS256K64-20G4WI Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-20G4WM ETC-WS256K64-20G4WM Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-25G4WC ETC-WS256K64-25G4WC Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
WS256K64-25G4WI ETC-WS256K64-25G4WI Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
More results

Similar Description - WS256K32N-30G4MA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2DL32256V WEDC-EDI2DL32256V Datasheet
97Kb / 8P
   256Kx32 Synchronous Pipline Burst SRAM 3.3V
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
List of Unclassifed Man...
EDI8L32256C ETC1-EDI8L32256C Datasheet
63Kb / 5P
   256Kx32, 5V Static Ram
logo
White Electronic Design...
WED9LC6816V WEDC-WED9LC6816V Datasheet
1Mb / 27P
   256Kx32 SSRAM/4Mx32 SDRAM
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS256K64-XG4WX ETC-WS256K64-XG4WX Datasheet
151Kb / 5P
   256Kx64 SRAM MODULE
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com