Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC485E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STC485E
Description  짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC485E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STC485E Datasheet HTML 1Page - List of Unclassifed Manufacturers STC485E Datasheet HTML 2Page - List of Unclassifed Manufacturers STC485E Datasheet HTML 3Page - List of Unclassifed Manufacturers STC485E Datasheet HTML 4Page - List of Unclassifed Manufacturers STC485E Datasheet HTML 5Page - List of Unclassifed Manufacturers STC485E Datasheet HTML 6Page - List of Unclassifed Manufacturers STC485E Datasheet HTML 7Page - List of Unclassifed Manufacturers STC485E Datasheet HTML 8Page - List of Unclassifed Manufacturers STC485E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STC485E Datasheet Rev.0.1, Dec.2005
Page    of  11
STC International Limited                          http://www.mcu-memory.com
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device ground unless
otherwise noted.
Note 2: VOD and VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 3: Maximum current level applies to peak current just prior to foldback-current limiting; minimum current level applies during
current limiting.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
DRIVER
Differential Driver Output (No Load)
VOD1
Figure 2
5
V
Differential Driver Output
VOD2
R= 50O, Figure 2
1.5
V
Change in Magnitude of Driver Differential
Output Voltage (
Note 2)
? VOD
R= 50O?,Figure 2
0.2
V
Driver Common-Mode Output Voltage
VOC
R= 50O, Figure 2
3
V
Change in Magnitude of Common
-Mode Output Voltage (Note 2)
? VOC
R= 50O, Figure 2
0.2
V
Input High Voltage
VIH
DE, DI, /RE
2.0
V
Input Low Voltage
VIL
DE, DI, /RE
0.8
V
DI Input Hysteresis
VHYS
UM3085E
100
mV
VIN = 12V
1.0
Input Current (A, B)
IIN2
DE = 0V,
VCC = 0V or 5V
VIN = -7V
-0.8
mA
VOUT = -7V
-250
Driver Short-Circuit Output Current
(Note
3)
IOSD
VOUT = 12V
250
mA
RECEIVER
Receiver Differential Threshold Voltage
VTH
-7V=VCM=12V
-0.2
-0.05
V
Receiver Input Hysteresis
? VTH
VCM = 0V
25
mV
Receiver Output High Voltage
VOH
IOUT = -1.5mA, VID = 200mV
VCC –1.5
V
Receiver Output Low Voltage
VOL
IOUT = 2.5mA, VID = 200mV
0.4
V
Three-State (High Impedance)
Output Current at Receiver
IOZR
VCC = 5V, 0V=VOUT\=VCC
±1
µA
Receiver Input Resistance
RIN
-7V=VCM=12V
96
kO
Receiver Short-Circuit Output Current
IOSR
0V=VRO=VCC
±8
±60
mA
SUPPLY CURRENT
DE = VCC, /RE = 0V
or VCC
0.3
Supply Current
ICC
No load,
DI = 0V or VCC
DE = 0V, /RE = 0V 0.25
mA
Supply Current in Shutdown Mode
ISHDN
DE = 0V, /RE = VCC, DI = VCC or 0V
0.002
10
µA
Human Body Model
±15
ESD Protection for A, B
IEC 1000-4-2 Air Discharge
±15
kV
Supply Voltage (VCC) … … … … … … … … … … … … … … … … … … 7V
Control Input Voltage (/RE, DE) … … … … … … -0.3V to (VCC + 0.3V)
Driver Input Voltage (DI) … … … … … … … … … -0.3V to (VCC + 0.3V)
Driver Output Voltage (A, B) … … … … … … … … … … … -7.5V to 12.5V
Receiver Input Voltage (A, B) … … … … … … … … … … … -7.5V to 12.5V
Receiver Output Voltage (RO) … … … … … … … -0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C… … … … 727mW
8-Pin SO (derate 5.88mW/°C above +70°… … … … … … … … 471mW
Operating Temperature Ranges
STC485EE_ _ … … … … … … … … … … … … … … … … -40°C to +85°C
Storage Temperature Range… … … … … … … … … … -65°C to +160°C
Lead Temperature (soldering, 10sec) … … … … … … … … … … +300°C


Similar Part No. - STC485E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STC4.7-15C2 VISHAY-STC4.7-15C2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-20N2 VISHAY-STC4.7-20N2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-25C3 VISHAY-STC4.7-25C3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-25N3 VISHAY-STC4.7-25N3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-4C1 VISHAY-STC4.7-4C1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
More results

Similar Description - STC485E

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM488 UNIONSEMI-UM488 Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com