Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2835 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CM2835
Description  300mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2835 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CM2835 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CM2835
300mA CMOS LDO
2006/01/23 Rev1.2
Champion Microelectronic Corporation
Page 5
DETAILED DESCRIPTION
The CM2835 family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current
protection, thermal shutdown.
The P-channel pass transistor receives data from the error amplifier, over-current protection, and thermal protection circuits.
During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current and Thermal
shutdown circuits become active when the junction temperature exceeds 150℃, or the current exceeds 300mA. During thermal
shutdown, the output voltage remains low. Normal operation is restored when the junction temperature drops below 120℃.
The CM2835 switches from voltage mode to current mode when the load exceeds the rated output current. This prevents
over-stress.
EXTERNAL CAPACITOR
The CM2835 is stable with a Low ESR output capacitor to ground of 1.0μF or greater. It can keep stable even with higher ESR
capacitors. A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should be
larger than 0.1μF to have a beneficial effect. All capacitors should be placed in close proximity to the pins. A “quiet” ground
termination is desirable.
TYPICAL CHARACTERISTICS


Similar Part No. - CM2835

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2835 CHAMP-CM2835 Datasheet
373Kb / 9P
   300mA CMOS LDO
CM2835DIM23 CHAMP-CM2835DIM23 Datasheet
373Kb / 9P
   300mA CMOS LDO
CM2835DIM89 CHAMP-CM2835DIM89 Datasheet
373Kb / 9P
   300mA CMOS LDO
CM2835GDIM23 CHAMP-CM2835GDIM23 Datasheet
373Kb / 9P
   300mA CMOS LDO
CM2835GDIM89 CHAMP-CM2835GDIM89 Datasheet
373Kb / 9P
   300mA CMOS LDO
More results

Similar Description - CM2835

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com