Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1117AGKCM89 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM1117AGKCM89
Description  600mA LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM1117AGKCM89 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM1117AGKCM89 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1117AGKCM89 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1117AGKCM89 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1117AGKCM89 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1117AGKCM89 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1117AGKCM89 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1117AGKCM89 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1117AGKCM89 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1117AGKCM89 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CM1117A
600mA LOW DROPOUT VOLTAGE REGULATOR
2005/07/12 Preliminary
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM1117A is a series of low dropout three-terminal
regulators with a dropout of 1.1V at 600mA output current.
These products have been optimized for low voltage where
transient response and minimum input voltage are critical.
These CM1117A provide current limit and thermal shutdown.
Its circuit includes a trimmed band-gap reference to assure
output voltage accuracy to be within
1%. On –chip thermal
shutdown provides protection against any combination of
overload and ambient temperatures that would create
excessive junction temperatures.
±
The CM1117A is available in 2.5V and 3.3V versions. The
fixed versions integrate the adjust resistors. It is also available
in an adjustable version which can set the output voltage with
two external resistors.
Low Dropout Voltage: 1.1V at 600mA output Current.
Output Noise from 10Hz to 10KHz: 0.003%
PSRR at Io = 300mA and f =120Hz: 75dB
Output Voltage Accuracy:
1%
±
On-Chip Thermal Shutdown
Maximum Quiescent Current: IQMAX =5mA
ESD (Human Body Model): 3.5KV
Operation Junction Temperature –40 to 125℃
APPLICATIONS
DVD/CD-ROM
USB Device
Add-on Card
DVD Player
PC Motherboard
PIN CONFIGURATION
SOT-89
Front View
1
2
3
Figure 1. Package Types of CM1117A


Similar Part No. - CM1117AGKCM89

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM1117AGKCM89 CHAMP-CM1117AGKCM89 Datasheet
225Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1117AGKCM89

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906 Datasheet
70Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202_07 Datasheet
1Mb / 12P
   600mA Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
   600mA Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
   600mA Low Dropout Positive Voltage Regulator
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
   600mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com