Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1117FGCM223 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CM1117FGCM223
Description  1A LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM1117FGCM223 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CM1117FGCM223 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1117FGCM223 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1117FGCM223 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1117FGCM223 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1117FGCM223 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1117FGCM223 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1117FGCM223 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1117FGCM223 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CM1117F
1A LOW DROPOUT VOLTAGE REGULATOR
2006/03/07 Rev1.0
Champion Microelectronic Corporation
Page 6
Typical Performance Characteristics
Reference Voltage vs Junction Temperature
1220
1225
1230
1235
1240
1245
1250
-25
0
25
50
75
100
125
150
Junction Temperature (C)
Output Voltage vs Junction Temperature
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
-25
0
25
50
75
100
125
150
Junction Temperature (C)
Dropout Voltage vs Output Current
1
1.02
1.04
1.06
1.08
1.1
1.12
1.14
0
200
400
600
800
1000
Output Current (mA)
Line Transients
Load Transients


Similar Part No. - CM1117FGCM223

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM1117FGCM223 CHAMP-CM1117FGCM223 Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1117FGCM223

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com