CM2835
300mA CMOS LDO
2006/01/23 Rev1.2
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM2835 family is a positive voltage linear regulator
developed utilizing CMOS technology featured low quiescent
current (30μA typ.), low dropout voltage, and high output
voltage accuracy, making them ideal for battery applications.
EN input connected to CMOS has low bias current. The
space-saving SOT-23 and SOT-89 package is attractive for
“Pocket” and “Hand Held” applications.
These rugged devices have both Thermal Shutdown, and
Current limit to prevent device failure under the “Worst” of
operating conditions.
The CM2835 is stable with a Low ESR output capacitance of
1.0μF or greater.
Very Low Dropout Voltage
Low Current Consumption: Typ. 30μA, Max. 35μA
Output Voltage: 1.8V, 2.5V, 3.0V, and 3.3V
High Accuracy Output Voltage: +/- 1.5%
Guaranteed 300mA Output
Input Range up to 7.0V
Thermal Shutdown
Current Limiting
Stability with Low ESR Capacitors
Compact Package: SOT-23, SOT-89
Factory Pre-set Output Voltages
Low Temperature Coefficient
APPLICATIONS
Battery-powered devices
Personal communication devices
Home electric/electronic appliances
PC peripherals
TYPICAL APPLICATIONS
CM 2835
IN
OUT
GND
IN
OUT
5V
C1
1uF
C2
1.0uF