Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2835GSIM23 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CM2835GSIM23
Description  300mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2835GSIM23 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CM2835GSIM23 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2835GSIM23 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2835GSIM23 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2835GSIM23 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2835GSIM23 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2835GSIM23 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2835GSIM23 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2835GSIM23 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2835GSIM23 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CM2835
300mA CMOS LDO
2006/01/23 Rev1.2
Champion Microelectronic Corporation
Page 8
NUMBERING SCHEME
Ordering Number
: CM2835XYZ (note1)
Ordering Number
: CM2835GXYZ (note2)
note1
:
CM2835: 300mA CMOS LDO with enable
X : Suffix for voltage output (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note2
:
CM2835: 300mA CMOS LDO with enable
G : Suffix for Pb Free Product
X : Suffix for voltage output (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note 3
: see CMOS LDO Voltage Suffix Table
CM2835 will provide options of D(1.8V), K(2.5V), P(3.0V), S(3.3V)
note 4
:
Y= I : -40~+85(only I grade support for all CMOS LDOs)
note 5:
Z is single alphabet with or without digits
M23 : SOT-23 (TR only)
M89 : SOT-89 (TR only)
CMOS LDO Voltage Suffix Table
Output Voltage
Suffix
Output Voltage
Suffix
1.5V
A
3.0V
P
1.6V
B
3.1V
Q
1.7V
C
3.2V
R
1.8V
D
3.3V
S
1.9V
E
3.4V
T
2.0V
F
3.5V
U
2.1V
G
3.6V
V
2.2V
H
3.7V
W
2.3V
I
3.8V
X
2.4V
J
3.9V
Y
2.5V
K
4.0V
Z
2.6V
L
2.7V
M
2.8V
N
2.9V
O


Similar Part No. - CM2835GSIM23

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2835GSIM23 CHAMP-CM2835GSIM23 Datasheet
373Kb / 9P
   300mA CMOS LDO
More results

Similar Description - CM2835GSIM23

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com