Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP234W Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP234W
Description  GaAlAs Hermetic Infrared Emitting Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP234W Datasheet(HTML) 2 Page - OPTEK Technologies

  OP234W Datasheet HTML 1Page - OPTEK Technologies OP234W Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type OP234W
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX
UNITS
TEST CONDITIONS
Ee(APT)
Apertured Radiant Incidence
5.0
--
mW/cm
2
IF = 100 mA
(3)(4)
PO
Power Output
17
mW
IF = 100 mA
VF
Forward Voltage
2.0
V
IF = 100 mA
(4)
IR
Reverse Current
100
µA
VR = 2.0 V
λp
Wavelength at Peak Emission
850
nm
IF = 10 mA
B
Spectral Bandwidth Half Power Points
50
nm
IF = 10 mA
∆λP/∆T
Spectral Shift with Temperature
+0.30
nm/
oC
IF = Constant
θHP
Emission Angle at Half Power Points
60
Deg.
IF = 100 mA
tr
Rise Time
15
ns
IF(PK) = 100 mA,
PW = 10
µs, D.C. = 10%
tf
Fall Time
10
ns


Similar Part No. - OP234W

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP234W OPTEK-OP234W Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
OP234W OPTEK-OP234W Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP234W TTELEC-OP234W Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
More results

Similar Description - OP234W

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP235W OPTEK-OP235W Datasheet
111Kb / 2P
   GaAlAs Hermetic Infrared Emitting Diodes
logo
PerkinElmer Optoelectro...
VTE1261 PERKINELMER-VTE1261 Datasheet
40Kb / 2P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-205 KODENSHI-CL-205 Datasheet
182Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
logo
PerkinElmer Optoelectro...
VTE3373LA PERKINELMER-VTE3373LA Datasheet
29Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281F PERKINELMER-VTE1281F Datasheet
24Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281W-1 PERKINELMER-VTE1281W-1 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1285 PERKINELMER-VTE1285 Datasheet
27Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1291W-1 PERKINELMER-VTE1291W-1 Datasheet
33Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE7172 PERKINELMER-VTE7172 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
logo
Hitachi Semiconductor
HE8807SG HITACHI-HE8807SG Datasheet
25Kb / 5P
   GaAlAs Infrared Emitting Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com