Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC811R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STC811R
Description  UP Supervisor Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC811R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STC811R Datasheet HTML 1Page - List of Unclassifed Manufacturers STC811R Datasheet HTML 2Page - List of Unclassifed Manufacturers STC811R Datasheet HTML 3Page - List of Unclassifed Manufacturers STC811R Datasheet HTML 4Page - List of Unclassifed Manufacturers STC811R Datasheet HTML 5Page - List of Unclassifed Manufacturers STC811R Datasheet HTML 6Page - List of Unclassifed Manufacturers STC811R Datasheet HTML 7Page - List of Unclassifed Manufacturers STC811R Datasheet HTML 8Page - List of Unclassifed Manufacturers STC811R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Data Sheet
STC803/809/810-811/812/-823/824/825-6342/6343/6344/6345
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
Features
Precision supply-voltage monitor
- 4.63V (STC8xxL, STC634xL)
- 4.38V (STC8xxM, STC634xM)
- 3.08V (STC8xxT, STC634xT)
- 2.93V (STC8xxS, STC634xS)
- 2.63V (STC8xxR, STC634xR)
- 2.32V (STC8xxZ, STC634xZ)
- 2.20V (STC8xxY, STC634xY)
200ms reset pulse width
Debounced CMOS-compatible manual-reset input
(811, 812, 823, 825, 6342-6344)
Reset Output Signal for Watchdog and Power
Abnormal, Manual Reset
Reset Push-Pull output (STC809,811,823,
824,825,6342,6345)
Reset Open-Drain output (STC803/6343)
Voltage monitor for power-fail or low battery warning
Guaranteed RESET/RESET valid at V
CC = 1.0V
Introduction
The
STCxxx
family
microprocessor
(µP)
supervisory circuits are targeted to improve reliability
and accuracy of power-supply circuitry in µP systems.
These devices reduce the complexity and number of
components required to monitor power-supply and
battery functions.
The main functions are:
1. Asserting reset output during power-up, power-
down and brownout conditions for µP system;
2. Detecting power failure or low-battery conditions
with a 1.25V threshold detector;
3. Watchdog functions;
4. Manual reset.
Applications
Power-supply circuitry in µP systems
Ordering Information
Suffix: X -- Monitored Voltage
Suffix X
L
M
T
S
R
Z
Y
Reset threshold (V)
4.63
4.38
3.08
2.93
2.63
2.32
2.20
RESET output
Part No.
Push-Pull
Open-Drain
RESET
output
(push-pull)
Manual Reset
Input
Power Fail
Detector
(1.25V)
Watchdog
Input
Package
1
STC803X
-
-
-
-
-
2
STC809X
-
-
-
-
-
3
STC810X
-
-
-
-
-
SOT23-3
4
STC811X
-
-
-
-
5
STC812X
-
-
-
-
6
STC823X
-
-
-
7
STC824X
-
-
-
8
STC825X
-
-
-
SOT23-5
9
STC6342X
-
-
-
10
STC6343X
-
-
-
11
STC6344X
-
-
-
12
STC6345X
-
-
-
SOT23-6


Similar Part No. - STC811R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC813L ETC1-STC813L Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813M ETC1-STC813M Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813R ETC1-STC813R Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813S ETC1-STC813S Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813T ETC1-STC813T Datasheet
58Kb / 7P
   UP Supervisor Circuits
More results

Similar Description - STC811R

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
List of Unclassifed Man...
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com