Electronic Components Datasheet Search |
|
OPB732WZ Datasheet(PDF) 2 Page - OPTEK Technologies |
|
OPB732WZ Datasheet(HTML) 2 Page - OPTEK Technologies |
2 / 3 page OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.2 02/06 Page 2 of 3 Long Distance Reflective Switch OPB732, OPB732WZ Electrical Characteristics (TA = 25 C unless otherwise noted) Notes: (1) All parameters tested using pulse technique. (2) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. (3) Methanol or isopropanol are recommended as cleaning agents. The plastic housing is soluble in chlorinated hydrocarbons and keytones. (4) Distance = 1 ” (from front of package to a 90% diffuse reflective white card) Absolute Maximum Ratings (TA = 25 o C unless otherwise noted) Storage Temperature -40 ° C to +100° C Lead Soldering Temperature (1/16 ” (1.6mm) from case for 5 seconds with soldering iron)(2) 260 ° C Operating Temperature -40 ° C to +85° C SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS Input LED (See OP240 for additional information, reference only) VF Forward Voltage - - 1.8 V IF = 20 mA IR Reverse Current - - 100 µA VR = 2 V Output Phototransistor (See OP550 for additional information, reference only) V(BR)CEO Collector-Emitter Breakdown Voltage 30 - - V IC = 100 µA, EE = 0 mw/cm 2 ICEO Collector-Emitter Dark Current - - 100 nA VCE = 10 V, EE = 0 mw/cm 2 Coupled VCE(SAT) Collector-Emitter Saturation Voltage (4) - - 0.4 V IC = 250 µA, IF = 30 mA , (4) IC(ON) On-State Collector Current (4) 0.25 - - mA VCE = 1 V, IF = 30 mA, (4) ICX Cross Talk - - 50 µA VCE = 5 V, IF = 30 mA, No reflective surface Collector-Emitter Voltage 30 V Collector DC Current 50 mA Power Dissipation 100 mW LED Output Photo Transistor Forward Current 50 mA Power Dissipation 100 mW Reverse DC Voltage 3 V Peak Forward current (2 µs pulse width, 0.1% Duty Cycle) 1 A |
Similar Part No. - OPB732WZ |
|
Similar Description - OPB732WZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |