Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB848TX Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB848TX
Description  Hi-Rel Slotted Optical Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB848TX Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB848TX Datasheet HTML 1Page - OPTEK Technologies OPB848TX Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types OPB847TX, OPB847TXV, OPB848TX, OPB848TXV
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
Symbol
Parameter
Min
Typ
Max Units
Test Conditions
Input Diode
VF
Forward Voltage
(4)
1.00
1.35
1.70
V
IF = 20.0 mA
1.20
1.55
1.90
V
IF = 20.0 mA, TA = -55
o C
0.80
1.20
1.60
V
IF = 20.0 mA, TA = 100
o C
IR
Reverse Current
0.1
100
µA
VR = 2.0 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
50
110
V
IC = 1.0 mA, IF = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
7.0
10.0
V
IE = 100
µA, IF = 0
IC(off)
Collector-Emitter Dark Current
0.2
100
nA
VCE = 10.0 V, IF = 0
10
100
µA
VCE = 10.0 V, IF = 0, TA = 100
o C
Coupled
IC(on)
On-State Collector Current
(4)
OPB847
4.0
mA
VCE = 10.0 V, IF = 20.0 mA
OPB847
2.5
mA
VCE = 10.0 V, IF = 20.0 mA, TA = -55
o C
OPB847
2.5
mA
VCE = 10.0 V, IF = 20.0 mA, TA = 100
o C
OPB848
1.0
mA
VCE = 10.0 V, IF = 20.0 mA
OPB848
0.6
mA
VCE = 10.0 V, IF = 20.0 mA, TA = -55
o C
OPB848
0.6
mA
VCE = 10.0 V, IF = 20.0 mA, TA = 100
o C
VCE(SAT)
Collector-Emitter Saturation
Voltage
OPB847
0.20
0.30
V
IC = 2.0 mA, IF = 20.0 mA
OPB848
0.20
0.30
V
IC = 500
µA, IF = 20.0 mA
tr
Output Rise Time
OPB847
12.0
20.0
µs
VCC = 10.0 V, IF = 20.0 mA,
RL = 1,000
OPB848
8.0
15.0
µs
tf
Output Fall Time
OPB847
12.0
20.0
µs
OPB848
8.0
15.0
µs
(4) Measurement is taken during the last 500
µs of a single 1.0 ms test pulse. Heating due to increased pulse rate or pulse width can cause
change in measurement results.
13-41


Similar Part No. - OPB848TX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB848TX TTELEC-OPB848TX Datasheet
221Kb / 3P
   High Resolution Slotted Optical Switch
OPB848TXV TTELEC-OPB848TXV Datasheet
221Kb / 3P
   High Resolution Slotted Optical Switch
More results

Similar Description - OPB848TX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB870N OPTEK-OPB870N Datasheet
456Kb / 4P
   Hi-Rel Slotted Optical Switches
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
   Slotted Optical Switches
OPB847 OPTEK-OPB847 Datasheet
299Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
   Slotted Optical Switches
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
   Slotted Optical Switches
OPB821 OPTEK-OPB821 Datasheet
242Kb / 2P
   Slotted Optical Switches
OPB827A OPTEK-OPB827A Datasheet
256Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB854A3 OPTEK-OPB854A3 Datasheet
226Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB830W OPTEK-OPB830W_06 Datasheet
373Kb / 4P
   Slotted Optical Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com