Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65665FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M65665FP
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65665FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M65665FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65665FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
M65665SP/FP
MITSUBISHI DIGITAL TV ICs
SIGNAL PROCESSING
(VSS=0V)
DC CHARACTERISTICS
Sym bol
Parameter
Condition
Limits
Unit
Min.
Ty p.
Max.
VIL
Input v oltage
L
VDD = 2.7V
0
-
0.81
V
VIH
(3.3V CMOS interf ace)
H
VDD = 3.6V
2.52
-
3.6
VT-
Input v oltage schmitt
-
0.8
-
1.65
VT+
(5.0V CMOS interf ace)
+
VDD = 3.3V
1.4
-
2.7
V
VH
Hysteresis
0.3
-
1.2
VOL
CMOS output v oltage
L
VDD = 3.3V, |IO| = 1µA
-
-
0.05
V
VOH
H
3.25
-
-
IOL
CMOS output current
L
VDD = 3.3V, VOL = 0.4V
2
-
-
IOH
H
VDD = 3.3V, VOH = 2.6V
-
-
-2
mA
-
IOZL
Output leakage current
L
VDD = 3.6V, VO = 0V
-10
-
10
µA
IOZH
H
VDD = 3.6V, VO = 3.6V
-10
-
10
CI
Input pin capacitance
-
7
15
CO
Output pin capacitance
f = 1MHz, VDD = 0V
-
7
15
pF
CIO
Bidirectional pin capacitance
-
7
15
IDD
Operating current
3.3V supply
mA
-
-
(Ta = 25 deg. unless otherwise noted)
140
IIH
Input current
L
VDD = 3.6V, VI = 0V
-10
-
10
µA
IIL
H
VDD = 3.6V, VI = 3.6V
-10
-
10
IIH
Input current
L
VDD = 3.6V, VI = 0V
-100
-
10
µA
IIL
H
VDD = 3.6V, VI = 3.6V
-10
-
10
(3.3V CMOS interf ace)
(5.0V CMOS interf ace)
MITSUBISHI
ELECTRIC
4
PICTURE-IN-PICTURE


Similar Part No. - M65665FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665CSP RENESAS-M65665CSP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results

Similar Description - M65665FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP RENESAS-M65667SP Datasheet
237Kb / 12P
   Picture-in-Picture Signal Processing
logo
Mitsubishi Electric Sem...
M65617SP MITSUBISHI-M65617SP Datasheet
74Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667FP MITSUBISHI-M65667FP Datasheet
59Kb / 9P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com