Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVLLG8C7 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVLLG8C7
Description  Cylindrical High-Intensity Green LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLLG8C7 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVLLG8C7 Datasheet HTML 1Page - OPTEK Technologies OVLLG8C7 Datasheet HTML 2Page - OPTEK Technologies OVLLG8C7 Datasheet HTML 3Page - OPTEK Technologies OVLLG8C7 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 3 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Forward Current vs Forward Voltage
V
mA
Cylindrical High-Intensity Green LED (5 mm)
OVLLG8C7
Typical Electro-Optical Characteristics Curves
Relative Luminous Intensity vs Forward Current
%
mA
Forward Current vs Ambient Temperature
°C
mA
Reverse Current vs Reverse Voltage
V
A
Relative Luminous Intensity vs Ambient Temperature
°C
%
Relative Luminous Intensity vs Wavelength
%
mA
Half Power WL = 25nm


Similar Part No. - OVLLG8C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLLG8C7 TTELEC-OVLLG8C7 Datasheet
337Kb / 9P
   Cylindrical High-Intensity LED
More results

Similar Description - OVLLG8C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLLB8C7 TTELEC-OVLLB8C7 Datasheet
337Kb / 9P
   Cylindrical High-Intensity LED
logo
OPTEK Technologies
OVLLY8C7 OPTEK-OVLLY8C7 Datasheet
569Kb / 4P
   Cylindrical High-Intensity Yellow LED
OVLLB8C7 OPTEK-OVLLB8C7 Datasheet
589Kb / 4P
   Cylindrical High-Intensity Blue LED(5 mm)
OVLLR8C7 OPTEK-OVLLR8C7 Datasheet
577Kb / 4P
   Cylindrical High-Intensity Red LED (5 mm)
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
logo
OPTEK Technologies
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
   White High-Intensity LED Lamp White High-Intensity LED Lamp
logo
Vishay Siliconix
83143 VISHAY-83143 Datasheet
165Kb / 6P
   High Intensity SMD LED
Rev. 1.7, 31-Aug-04
TLMD3101 VISHAY-TLMD3101 Datasheet
80Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLME3105 VISHAY-TLME3105 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMK3102 VISHAY-TLMK3102 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com