Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM8500AIS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CM8500AIS
Description  3A BUS TERMINATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM8500AIS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CM8500AIS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8500AIS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8500AIS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8500AIS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8500AIS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8500AIS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8500AIS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM8500AIS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM8500AIS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CM8500A
3A BUS TERMINATOR
APPLICATION CIRCUIT
R3 200k
2
1
VDD
pin3:connect to external voltage (-)
C2
104
J1
VTT
1
2
C4
104
J2
DC-INPUT
1
2
When external voltage applied ,pin1,2 should be open
C12
100uf/6.3V
C8
102
J3
Vref-OUT
1
2
Vtt=1/2 external voltage
R6,R7(option circuit)forVttVOLTAGEADJUST
and pin2:connect to external voltage (+)
TP1
BNC
1
3
4
VCC
NOTE:
J4ON/OFF
J3:referance output provided from Vtt
C14
100uf/6.3V
R1
5R1
L1
3.3uH
C7
820uf/6.3V
R8
100
C3
104
C11
100uf/6.3V
open:off(into shutdown mode)
VDD
VCC
J5
IN/EXT
2
1
3
R4
1k
2
1
C10
10uf/6.3V
C1
104
J6:reference output provided from shunt regulator
VDD
C16
470uf/6.3V
C13
104
C15
10uf/6.3V
C9
100uf/6.3V
R5
100k
2
1
U1 CM8500A
2
1
3
13
14
15
16
4
5
6
7
8
9
10
11
12
VDD1
VCC1
VL1
PGND2
VL2
VDD2
VCC2
PGND1
AGND1
SD
2/VCC
G-sense AGND3
VCCQ
FB
AGND4
J5:pin1 ,pin2 short:Vtt = 1/2Vcc
D5
SK12
R6
10k
2
1
J4:short :Demo kit on .
C6
102
D6
SK12
C5
104
R7
10k
2
1
Vtt=(Vcc*R6)/R6+R7
Figure 1. CM8500A Typical Application
(Schematic of CM8500ATEVAL)
2004/12/20
Champion Microelectronic Corporation
Page 5


Similar Part No. - CM8500AIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8500AIS CHAMP-CM8500AIS Datasheet
446Kb / 13P
   3A BUS TERMINATOR
More results

Similar Description - CM8500AIS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
   3A BUS TERMINATOR
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
   3A BUS TERMINATOR
logo
Anachip Corp
AP1128 ANACHIP-AP1128 Datasheet
233Kb / 7P
   3A Bus Terminator Regulator
AP1127 ANACHIP-AP1127 Datasheet
139Kb / 4P
   3A Bus Terminator Regulator
logo
List of Unclassifed Man...
CM8560 ETC1-CM8560 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8501 CHAMP-CM8501 Datasheet
415Kb / 10P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501C ETC1-CM8501C Datasheet
206Kb / 6P
   1.5A BUS TERMINATOR
logo
Champion Microelectroni...
CM8501C CHAMP-CM8501C Datasheet
285Kb / 6P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501 ETC-CM8501 Datasheet
396Kb / 10P
   1.5A BUS TERMINATOR
logo
Micrel Semiconductor
MIC5166 MICREL-MIC5166 Datasheet
1Mb / 25P
   3A High-Speed Low VIN DDR Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com