Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM8500ATEVAL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM8500ATEVAL
Description  3A BUS TERMINATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM8500ATEVAL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM8500ATEVAL Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 7Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 8Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CM8500A
3A BUS TERMINATOR
FUNCTIONAL DESCRIPTION
The CM8500A is a switching regulator that is capable of
sinking and sourcing 3A of current without an external heat
sink. CM8500A uses a standard surface mount PTSSOP
and PSOP package with bottom metal exposed and the heat
can be piped through the bottom of the device and onto the
PCB.
The CM8500A integrates power MOSFETs that are capable
of source and sink 3A of current while maintaining excellent
voltage regulation. The output voltage can be regulated within
3% or less by using the external feedback. Separate voltage
supply inputs have been added to fit applications with various
power supplies for the databus and power buses.
VREF
The reference voltage could be ranged from 0V to VIN.
OUPUTS
The output voltage pins (VL1, VL2) are tied to the databus,
address, or clock lines via an external inductor. Output voltage
is determined by the VCCQ or VIN/2 inputs so it can be from
0V to VIN..
Internal Power Switches:
CM3708A has been integrated 2 Power MOSFETs whose
RDS(ON) is around 100m Ohm each.
Low Noise Current Limit:
CM3708A’s current limit is a low noise current limit. It increase
the system loop noise immunity while it is doing the current limit
protection for the system. The current limit is around 6A for the
normal 3A operation.
INPUTS
The input voltage pins (VCCQ or VIN/2) determine the output
voltages (VL1 or VL2). In the default mode, when the VIN/2 pin
is open, the output voltage is 50% of the VCCQ input.
If a specific voltage is forced at the VIN/2 pin, the output voltage
follows the voltage at the VIN/2 pin. VCCQ suggested
connecting to VCCQ of memory module for better tracking with
memory VCCQ.
OTHER SUPPLY VOLTAGES
Several inputs are provided for the supply voltages: PVDD1,
PVDD2, VCC1, and VCC2.
The PVDD1 and PVDD2 provide the power supply to the power
MOSFETs. VCC1 and VCC2 provide the voltage supply to the
logic section and internal error amplifiers.
FEEDBACK
The VFB pin is an input that can be used for closed loop
compensation. This input is derived from the voltage output.
AGSEN pin is a contact node of internal resistor divider for
remote sense.
APPLICATIONS
USING THE CM8500A FOR SSTL BUS
TERMINATION
Figure 1 is the typical schematic of the CM8500ATEVAL that
shows the recommended approach for bus terminating
solutions for SSTL-2 bus. This circuit can be used in PC
memory and Graphics memory applications as shown in
Figure 2 and Figure 3.
Figure 4 shows the PCB layout of the CM8500ATEVAL.
Table 1details the key parameters of SSTL_2 specification.
Figure 5 shows two different approach of SSTL_2 Terminated
Output. (Refer to page 8 for detail description.)
2004/12/20
Champion Microelectronic Corporation
Page 4


Similar Part No. - CM8500ATEVAL

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8500ATEVAL CHAMP-CM8500ATEVAL Datasheet
446Kb / 13P
   3A BUS TERMINATOR
More results

Similar Description - CM8500ATEVAL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
   3A BUS TERMINATOR
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
   3A BUS TERMINATOR
logo
Anachip Corp
AP1128 ANACHIP-AP1128 Datasheet
233Kb / 7P
   3A Bus Terminator Regulator
AP1127 ANACHIP-AP1127 Datasheet
139Kb / 4P
   3A Bus Terminator Regulator
logo
List of Unclassifed Man...
CM8560 ETC1-CM8560 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8501 CHAMP-CM8501 Datasheet
415Kb / 10P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501C ETC1-CM8501C Datasheet
206Kb / 6P
   1.5A BUS TERMINATOR
logo
Champion Microelectroni...
CM8501C CHAMP-CM8501C Datasheet
285Kb / 6P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501 ETC-CM8501 Datasheet
396Kb / 10P
   1.5A BUS TERMINATOR
logo
Micrel Semiconductor
MIC5166 MICREL-MIC5166 Datasheet
1Mb / 25P
   3A High-Speed Low VIN DDR Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com