Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM8500ATEVAL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CM8500ATEVAL
Description  3A BUS TERMINATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM8500ATEVAL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CM8500ATEVAL Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 7Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 8Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 9Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 10Page - List of Unclassifed Manufacturers CM8500ATEVAL Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CM8500A
3A BUS TERMINATOR
CM8500ATEVAL PART LIST
Item
Q’ty
Description
Designator
Manufacturer
Resistors
1
1
0805, 5Ω, 1/8W
R1
2
1
0805, 100Ω, 1/8W
R8
3
1
0805, 470Ω, 1/8W
R9 (option)
4
1
0805, 1KΩ, 1/8W
R4
5
2
0805, 100KΩ, 1/8W
R3, R5
Capacitors
6
1
0805, 1nF/ 16V (102)
C6, C8
7
6
0805, 0.1µF/ 16V (104)
C1, C2, C3, C4, C5
8
1
0805, 1µF/ 16V (105)
C13
9
1
CE 10φ, 820uF/ 6.3V
C7
Sanyo OSCON
10
2
B Size, Tant 10uF/ 6.3V
C10, C15
11
4
D Size, Tant 100uF/ 6.3V
C9, C11, C12, C14
Magnetics
12
1
3.3uH 5A Inductor
L1
Bipolar Electronic Corp.
IC’s
13
1
CM8500AIT
U1
Champion Microelectronic Corp.
14
1
CM431L
U2 (option)
Champion Microelectronic Corp.
Connectors
15
1
2-pin, 2.54mm
J2
16
4
2-pin Jumper, 2.54mm
J1, J3, J4, J6 (option)
17
1
3-pin Jumper, 2.54mm
J5
PCBs
18
1
CM8500ATEVAL PCB
Champion Microelectronic Corp.
Vendor Information
Bipolar Electronic Corp.
Phn: +886-3-360 8892
Sanyo
2004/12/20
Champion Microelectronic Corporation
Page 7


Similar Part No. - CM8500ATEVAL

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8500ATEVAL CHAMP-CM8500ATEVAL Datasheet
446Kb / 13P
   3A BUS TERMINATOR
More results

Similar Description - CM8500ATEVAL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
   3A BUS TERMINATOR
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
   3A BUS TERMINATOR
logo
Anachip Corp
AP1128 ANACHIP-AP1128 Datasheet
233Kb / 7P
   3A Bus Terminator Regulator
AP1127 ANACHIP-AP1127 Datasheet
139Kb / 4P
   3A Bus Terminator Regulator
logo
List of Unclassifed Man...
CM8560 ETC1-CM8560 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8501 CHAMP-CM8501 Datasheet
415Kb / 10P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501C ETC1-CM8501C Datasheet
206Kb / 6P
   1.5A BUS TERMINATOR
logo
Champion Microelectroni...
CM8501C CHAMP-CM8501C Datasheet
285Kb / 6P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501 ETC-CM8501 Datasheet
396Kb / 10P
   1.5A BUS TERMINATOR
logo
Micrel Semiconductor
MIC5166 MICREL-MIC5166 Datasheet
1Mb / 25P
   3A High-Speed Low VIN DDR Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com