Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV1085S Datasheet(PDF) 3 Page - Avic Technology

Part # AV1085S
Description  3A Adjustable Low Dropout Linear Regulator (LDO)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV1085S Datasheet(HTML) 3 Page - Avic Technology

  AV1085S Datasheet HTML 1Page - Avic Technology AV1085S Datasheet HTML 2Page - Avic Technology AV1085S Datasheet HTML 3Page - Avic Technology AV1085S Datasheet HTML 4Page - Avic Technology AV1085S Datasheet HTML 5Page - Avic Technology AV1085S Datasheet HTML 6Page - Avic Technology AV1085S Datasheet HTML 7Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
@vic
3
3A Adjustable Low Dropout
Linear Regulator (LDO)
AV1085
TO-252,263,220
MAY-31-2001
PIN CONFIGURATIONS
Pin #
Function
1
Adjust
2
Output
3
Input
Note: TAB is Output Pin


Similar Part No. - AV1085S

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV108-59 ALPHA-AV108-59 Datasheet
35Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
AV1084D AVICTEK-AV1084D Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
AV1084S AVICTEK-AV1084S Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
AV1084S3 AVICTEK-AV1084S3 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - AV1085S

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1085 ETC-L1085 Datasheet
78Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
L1085-3.3 ETC1-L1085-3.3 Datasheet
85Kb / 8P
   3A Fixed Low Dropout Linear Regulator (LDO)
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com