Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV1085T Datasheet(PDF) 2 Page - Avic Technology

Part # AV1085T
Description  3A Adjustable Low Dropout Linear Regulator (LDO)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV1085T Datasheet(HTML) 2 Page - Avic Technology

  AV1085T Datasheet HTML 1Page - Avic Technology AV1085T Datasheet HTML 2Page - Avic Technology AV1085T Datasheet HTML 3Page - Avic Technology AV1085T Datasheet HTML 4Page - Avic Technology AV1085T Datasheet HTML 5Page - Avic Technology AV1085T Datasheet HTML 6Page - Avic Technology AV1085T Datasheet HTML 7Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
3A Adjustable Low Dropout
Linear Regulator (LDO)
@vic
AV1085
TO-252,263,220
MAY-31-2001
ABSOLUTE MAXIMUM RATINGS
Maximum Supply Voltage
7V
Operating Junction
Temperature Range
0 to 125 °C
Power Dissipation
Internally
Limited
Storage Temperature
Range
-40 to 150 °C
Thermal Resistance
Junction to Case,
θJC
5 °C/W
Lead Temperature
(Soldering, 10 Seconds)
260 °C
Thermal Resistance
Junction to Ambient,
θJA
TO-263
TO-252
TO-220
60 °C/W
70 °C/W
50 °C/W
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = 25 °C.)
Parameter
Symbol
Test Conditions
Typical
Limits
Reference Voltage
VREF
VIN = 5V, IOUT = 10mA
1.25V
1.23VMin
1.27VMax
Dropout Voltage
VD
ΔVREF = 1%, IOUT = 3A
1.3V
1.45V
Line Regulation
REG(LINE) (VOUT + 1.5V)
≤ VIN ≤ 7V, IOUT = 10mA
0.5%
2%
Load Regulation
REG(LOAD) (VIN -VOUT) = 3V, 10mA
≤ IOUT ≤ 3A
0.5%
2.5%
Minimum Load
Current
IO
1.5V
≤ (VIN -VOUT) ≤ 5.75V
10mA
Adjust Pin Current
IADJ
55
µA
100
µA
Current Limit
ICL
VIN - VOUT = 2V
5.0A
4.0A (Min)
RMS Output Noise
VN
0.003%
of VOUT
Ripple Rejection
Ratio
RA
f = 120Hz, CADJ = 22
µF for ADJ pin,
VIN = 5V, IOUT = 3A
72dB
60dB (Min)
DEVICE SELECTION GUIDE
Device
AV1085D
AV1085S
AV1085S3
AV1085T
Package
TO-252
TO-263 (2-Lead)
TO-263 (3-Lead)
TO-220
Marking
AV1085D
AV1085S
AV1085S3
AV1085T


Similar Part No. - AV1085T

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV108-59 ALPHA-AV108-59 Datasheet
35Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
AV1084D AVICTEK-AV1084D Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
AV1084S AVICTEK-AV1084S Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
AV1084S3 AVICTEK-AV1084S3 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - AV1085T

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1085 ETC-L1085 Datasheet
78Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
L1085-3.3 ETC1-L1085-3.3 Datasheet
85Kb / 8P
   3A Fixed Low Dropout Linear Regulator (LDO)
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com