Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV1117 Datasheet(PDF) 3 Page - Avic Technology

Part # AV1117
Description  Outline Dimension
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV1117 Datasheet(HTML) 3 Page - Avic Technology

  AV1117 Datasheet HTML 1Page - Avic Technology AV1117 Datasheet HTML 2Page - Avic Technology AV1117 Datasheet HTML 3Page - Avic Technology AV1117 Datasheet HTML 4Page - Avic Technology AV1117 Datasheet HTML 5Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
@vic
AV1117
Copyright © Avic Electronics Corp.
3
Website: http://www.avictek.com
Electrical Characteristics
Operating Conditions: VIN ≤ 7V , TJ=25℃ unless otherwise specified
The denotes specifications which apply over the specified operating temperature range.
Note :
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line
2. Line and load regulation are guaranteed up to the maximum power dissipation. (18W).
Power dissipation is determined by input/output differential and the output current.
Guaranteed maximum output power will not be available over the full input/output voltage range.
3. AV1117 only.
Min
Typ
Max
VREF
1.5V (VIN-VOUT) 5.75V
10mA
IOUT
1A
1.225
(-2%)
1.25
1.275
(2%)
V
10mA
IOUT
1A
AV1117-2.5, 4V VIN 7V
2.450
2.5
2.550
AV1117-2.85, 4.35V VIN 7V
2.793
2.85
2.907
AV1117-3.3, 4.8V VIN 7V
3.234
3.3
3.366
AV1117-5, 6.5V VIN 7V
4.900
5.0
5.100
∆VO
(VOUT+1.5V) VIN 7V
IOUT=10mA
0.005
0.2
%
∆VO
(VIN - VOUT)=2V
10mA IOUT 1A
-
0.05
0.5
%
VD
∆VREF=1%, IOUT=1A
-1.1
1.2
V
(VIN - VOUT)=2V
1.1
1.5
A
IAdj
35
120
µA
∆IAdj
1.5V (VIN-VOUT) 5.75V
10mA
IOUT
1A
0.2
5
µA
IO(MIN) 1.5V (VIN-VOUT) 5.75V
10
mA
ID
VIN = VOUT + 1.25V
413
mA
SVR
f=120Hz, COUT=22µF Tantalum
(VIN-VOUT)=3V, IOUT=1A
60
72
dB
TA=25
, 30ms pulse
0.004
0.02
%/W
∆VO
0.5
%
∆VO
TA=125
, 1000hrs
0.03
1.0
%
EN
TA=25
, 10Hz
f
10kHz
0.003
%
15
/W
Thermal Resistance,
Junction to Case
Reference voltage
3
VO
Output Voltage
Adjust Pin Current Change
3
Quiescent Current
Supply Voltage Rejection
Thermal Regulation
Temperature Stability
Conditions
V
Symbol
Ratings
Units
Long-Term Stability
RMS Output Noise (% of VOUT)
Parameter
Line Regulation
1,2
Load Regulation
1,2
Minimum Load Current
Current Limit
Adjust Pin Current
3
Dropout Voltage


Similar Part No. - AV1117

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV111-12 ALPHA-AV111-12 Datasheet
831Kb / 3P
   HIP3??Variable Attenuator 0.80-1.00 GHz
logo
Skyworks Solutions Inc.
AV111-12 SKYWORKS-AV111-12 Datasheet
195Kb / 5P
   HIP Variable Attenuator 0.80-1.00 GHz
AV111-12LF SKYWORKS-AV111-12LF Datasheet
195Kb / 5P
   HIP Variable Attenuator 0.80-1.00 GHz
AV111-12 SKYWORKS-AV111-12_07 Datasheet
195Kb / 5P
   HIP Variable Attenuator 0.80-1.00 GHz
More results

Similar Description - AV1117

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5XNE3E1E OPTOSUPPLY-OSG5XNE3E1E Datasheet
146Kb / 2P
   Outline Dimension
logo
Powertip Technology
PG12032-D POWERTIP-PG12032-D Datasheet
77Kb / 1P
   OUTLINE DIMENSION & BLOCK
PG9732D POWERTIP-PG9732D Datasheet
113Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12032D POWERTIP-PG12032D Datasheet
81Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PF12864 POWERTIP-PF12864 Datasheet
73Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG240128-A POWERTIP-PG240128-A Datasheet
57Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-F POWERTIP-PG320240-F Datasheet
82Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC1601H POWERTIP-PC1601H Datasheet
71Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602G POWERTIP-PC1602G Datasheet
71Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC1604-A POWERTIP-PC1604-A Datasheet
73Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com