Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9262DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9262DQ
Description  Low-Voltage Dual SPST Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9262DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9262DQ Datasheet HTML 1Page - Vishay Siliconix DG9262DQ Datasheet HTML 2Page - Vishay Siliconix DG9262DQ Datasheet HTML 3Page - Vishay Siliconix DG9262DQ Datasheet HTML 4Page - Vishay Siliconix DG9262DQ Datasheet HTML 5Page - Vishay Siliconix DG9262DQ Datasheet HTML 6Page - Vishay Siliconix DG9262DQ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DG9262/9263
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 70862
S-05298—Rev. B, 17-Dec-01
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
-0.3 to +13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN, COM, NC, NOa
-0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current (Any terminal)
"20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current
"40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1ms, 10% duty cycle)
ESD (Method 3015.7)
> 2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature (D Suffix)
-65 to 125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)b
8-Pin Narrow Body SOICc
400 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 6.5 mW/
_C above 75_C
SPECIFICATIONS (V+ = 3 V)
Test Conditions
Otherwise Unless Specified
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 3 V,
"10%, VIN = 0.8 or 2.4 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VANALOG
Full
0
3
V
Drain-Source On-Resistance
rDS(on)
VNO or VNC = 1.5 V, V+ = 2.7 V
ICOM = 5 mA
Room
Full
50
80
140
rDS(on) Matchd
DrDS(on)
VNO or VNC = 1.5 V
Room
0.4
2
W
rDS(on) Flatnessd
rDS(on)
Flatness
VNO or VNC = 1 and 2 V
Room
4
8
NO or NC Off Leakage Currentg
INO/NC(off)
VNO or VNC = 1 V / 2 V, VCOM = 2 V / 1 V
Room
Full
-100
–5000
5
100
5000
COM Off Leakage Currentg
ICOM(off)
VCOM = 1 V / 2 V, VNO or VNC = 2 V / 1 V
Room
Full
-100
–5000
5
100
5000
pA
Channel-On Leakage Currentg
ICOM(on)
VCOM = VNO or VNC = 1 V / 2 V
Room
Full
-200
–10000
10
200
10000
Digital Control
Input Current
IINL or IINH
Full
1
mA
Dynamic Characteristics
Turn-On Time
tON
Room
Full
50
120
200
Turn-Off Time
tOFF
VNO or VNC = 1.5 V
Room
Full
20
50
120
ns
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W
Room
1
5
pC
Off-Isolation
OIRR
W
Room
–74
Crosstalk
XTALK
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
–90
dB
NC and NO Capacitance
C(off)
Room
7
Channel-On Capacitance
CCOM(on)
f = 1 MHz
Room
20
pF
Com-Off Capacitance
CCOM(off)
Room
13
Power Supply
Power Supply Range
V+
2.7
12
V
Power Supply Current
I+
V+ = 3.3 V, VIN = 0 or 3.3 V
1
mA
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Typical values are for design aid only, not guaranteed nor subject to production testing.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.
f.
Difference of min and max values.
g.
Guaranteed by 5-V leakage test, not production tested.


Similar Part No. - DG9262DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
111Kb / 8P
   Low-Voltage Dual SPST Analog Switch
Rev. C, 14-May-07
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG9262DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
   Low-Voltage Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com