Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVLAW4CB6 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVLAW4CB6
Description  White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLAW4CB6 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVLAW4CB6 Datasheet HTML 1Page - OPTEK Technologies OVLAW4CB6 Datasheet HTML 2Page - OPTEK Technologies OVLAW4CB6 Datasheet HTML 3Page - OPTEK Technologies OVLAW4CB6 Datasheet HTML 4Page - OPTEK Technologies OVLAW4CB6 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 2 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Notes:
1.
Under this condition: TOPR = 40 ~ 85°C.
2.
Guaranteed value is 20% higher and/or lower than this value.
Rank
A0
B3
B4
B5
B6
C0
Chromaticity
Coordinates
x 0.280-0.264 0.287-0.283 0.307-0.304 0.296-0.287 0.311-0.307 0.330-0.330
y 0.248-0.267 0.295-0.305 0.315-0.330 0.276-0.295 0.294-0.315 0.318-0.360
Luminous Intensity is
at B5 bin or above.
Chromaticity Coordinates (x, y)
Standard Bins (IF = 20 mA)
Lamps are sorted to luminous intensity (IV) and chromaticity coordinates (x, y) bins shown.
Orders for OVLAW4CB6 may be filled with any or all bins contained as below.
Absolute Maximum Ratings
TA = 25oC unless otherwise noted
Electrical Characteristics
TA = 25oC unless otherwise noted
White High-Intensity LED Lamp
OVLAW4CB6
Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate luminous intensity ranks, please contact OPTEK.
3.
Pb content <1000 PPM.
A0
B3
B4
B5
B6
C0
1500-2100
1050-1500
800-1050
7
6
5
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-30 ~ +85°C
Reverse Voltage
5 V
DC Forward Current
30 mA
DC Forward Current Reduction1
-0.50 mA/°C
Power Dissipation
120 mW
260°C
Lead Soldering Temperature (5 seconds maximum)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity2
(Axial Direction)
----
1000
----
mcd
IF = 20 mA
VFI
Forward Voltage
2.8
3.4
3.9
V
IF = 20 mA
Chromaticity
x
----
0.31
----
----
IF = 20 mA
y
----
0.32
----
----
IF = 20 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V


Similar Part No. - OVLAW4CB6

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLAW4CB6 TTELEC-OVLAW4CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
More results

Similar Description - OVLAW4CB6

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLAW4CB6 TTELEC-OVLAW4CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
OVLAW4CB7 TTELEC-OVLAW4CB7 Datasheet
353Kb / 6P
   White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
OVLEW3CB6 TTELEC-OVLEW3CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
logo
OPTEK Technologies
OVLEW5CB6 OPTEK-OVLEW5CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
OVLEW3CB6 OPTEK-OVLEW3CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
logo
TT Electronics.
OVLEW5CB6 TTELEC-OVLEW5CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
logo
OPTEK Technologies
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
   White High-Intensity LED Lamp White High-Intensity LED Lamp
logo
TT Electronics.
OVLEW1CB9 TTELEC-OVLEW1CB9 Datasheet
686Kb / 4P
   White High-Intensity LED Lamp
logo
Agilent(Hewlett-Packard...
HLMA-VH00 HP-HLMA-VH00 Datasheet
151Kb / 6P
   T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com