Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVLAW4CB6 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OVLAW4CB6
Description  White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLAW4CB6 Datasheet(HTML) 5 Page - OPTEK Technologies

  OVLAW4CB6 Datasheet HTML 1Page - OPTEK Technologies OVLAW4CB6 Datasheet HTML 2Page - OPTEK Technologies OVLAW4CB6 Datasheet HTML 3Page - OPTEK Technologies OVLAW4CB6 Datasheet HTML 4Page - OPTEK Technologies OVLAW4CB6 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 5 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
White High-Intensity LED Lamp
OVLAW4CB6
Moisture Resistant Packaging
Label
Aluminum Moisture-proof Bag
Desiccant
Bar Code Label
Packing Information: Available in bulk or reel
Bulk: 200 pcs/ESD protected bag
13-Inch Reel: 2000 pcs/reel
Carrier Tape Dimensions: Loaded quantity 2000 pieces per reel


Similar Part No. - OVLAW4CB6

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLAW4CB6 TTELEC-OVLAW4CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
More results

Similar Description - OVLAW4CB6

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLAW4CB6 TTELEC-OVLAW4CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
OVLAW4CB7 TTELEC-OVLAW4CB7 Datasheet
353Kb / 6P
   White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
OVLEW3CB6 TTELEC-OVLEW3CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
logo
OPTEK Technologies
OVLEW5CB6 OPTEK-OVLEW5CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
OVLEW3CB6 OPTEK-OVLEW3CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
logo
TT Electronics.
OVLEW5CB6 TTELEC-OVLEW5CB6 Datasheet
1Mb / 5P
   White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
logo
OPTEK Technologies
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
   White High-Intensity LED Lamp White High-Intensity LED Lamp
logo
TT Electronics.
OVLEW1CB9 TTELEC-OVLEW1CB9 Datasheet
686Kb / 4P
   White High-Intensity LED Lamp
logo
Agilent(Hewlett-Packard...
HLMA-VH00 HP-HLMA-VH00 Datasheet
151Kb / 6P
   T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com