Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVLGS0C7B9 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVLGS0C7B9
Description  High-Intensity Red LED in Plastic T-1쩐 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLGS0C7B9 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVLGS0C7B9 Datasheet HTML 1Page - OPTEK Technologies OVLGS0C7B9 Datasheet HTML 2Page - OPTEK Technologies OVLGS0C7B9 Datasheet HTML 3Page - OPTEK Technologies OVLGS0C7B9 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Issue 1.0
0505
Page 3
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
T-1¾ High-Intensity Red LED
OVLGS0CxB9
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Radiation Angle
%
Forward Current vs. Forward Voltage
V
mA
Relative Luminous Intensity vs. Forward Current
mA
%
Relative Luminous Intensity vs. Ambient
Temperature
Relative Luminous Intensity vs. Wavelength
Half Power WL = 20nm
%
mA
°C
%
Forward Current vs. Ambient Temperature
°C
mA


Similar Part No. - OVLGS0C7B9

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLGS0C8B9 TTELEC-OVLGS0C8B9 Datasheet
673Kb / 6P
   High-Intensity LED in Plastic T-1쩐 Package
More results

Similar Description - OVLGS0C7B9

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLGB0C6B9 TTELEC-OVLGB0C6B9 Datasheet
673Kb / 6P
   High-Intensity LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGY0CXB9 OPTEK-OVLGY0CXB9 Datasheet
974Kb / 4P
   High-Intensity Yellow LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGG0CXB9 TTELEC-OVLGG0CXB9 Datasheet
981Kb / 4P
   High-Intensity Green LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGO0CXB9 OPTEK-OVLGO0CXB9 Datasheet
972Kb / 4P
   High-Intensity Orange LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGO0CXB9 TTELEC-OVLGO0CXB9 Datasheet
977Kb / 4P
   High-Intensity Orange LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGB0CXB9 OPTEK-OVLGB0CXB9 Datasheet
974Kb / 4P
   High-Intensity Blue LED in Plastic T-1쩐 Package
OVLGG0CXB9 OPTEK-OVLGG0CXB9 Datasheet
976Kb / 4P
   High-Intensity Green LED in Plastic T-1쩐 Package
logo
Avic Technology
OVLGC0CXB9 AVICTEK-OVLGC0CXB9 Datasheet
976Kb / 4P
   High-Intensity Blue-Green LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGJ0C3B9 OPTEK-OVLGJ0C3B9 Datasheet
907Kb / 3P
   High-Intensity Yellow-Green LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGJ0C3B9 TTELEC-OVLGJ0C3B9 Datasheet
987Kb / 4P
   High-Intensity Yellow-Green LED in Plastic T-1쩐 Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com