Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2908IDDB-A1 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC2908IDDB-A1
Description  Precision Six Supply Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2908IDDB-A1 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC2908IDDB-A1 Datasheet HTML 1Page - Linear Integrated Systems LTC2908IDDB-A1 Datasheet HTML 2Page - Linear Integrated Systems LTC2908IDDB-A1 Datasheet HTML 3Page - Linear Integrated Systems LTC2908IDDB-A1 Datasheet HTML 4Page - Linear Integrated Systems LTC2908IDDB-A1 Datasheet HTML 5Page - Linear Integrated Systems LTC2908IDDB-A1 Datasheet HTML 6Page - Linear Integrated Systems LTC2908IDDB-A1 Datasheet HTML 7Page - Linear Integrated Systems LTC2908IDDB-A1 Datasheet HTML 8Page - Linear Integrated Systems LTC2908IDDB-A1 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC2908
sn2908 2908fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Internal Operating Voltage
RST in Correct Logic State
0.5
6
V
IV1
V1 Input Current
V1 = 5.0V (LTC2908-A1) (Note 4)
26
50
µA
V1 = 3.3V (LTC2908-B1)
24
50
µA
IV2
V2 Input Current
V2 = 3.3V (LTC2908-A1) (Note 4)
10
20
µA
V2 = 2.5V (LTC2908-B1)
820
µA
IV3
V3 Input Current
V3 = 2.5V (LTC2908-A1)
25
µA
V3 = 1.8V (LTC2908-B1)
25
µA
IV4
V4 Input Current
V4 = 1.8V (LTC2908-A1)
25
µA
V4 = 1.5V (LTC2908-B1)
25
µA
IVADJ
VADJ1, VADJ2 Input Current
VADJ1 = VADJ2 = 0.55V
±15
nA
tRST
Reset Time-Out Period
160
200
260
ms
tUV
VX Undervoltage Detect to RST or RST
VX Less Than Reset Threshold VRTX by
250
µs
More Than 1%
VOH
Output Voltage High RST (Note 5)
IRST = –1µA, VCC = 5V (LTC2908-A1)
VCC – 1.5
V
IRST = –1µA, VCC = 3.3V (LTC2908-B1)
VCC – 1.0
V
VOL
Output Voltage Low RST
VCC = 0.5V, IRST = 5µA
0.01
0.15
V
VCC = 1.0V, IRST = 100µA
0.01
0.15
V
VCC = 3.0V, IRST = 2500µA
0.10
0.30
V
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = 5V for the LT2908-A1 and VCC = 3.3V for the LTC2908-B1, unless
otherwise noted. (Notes 2, 3)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The greater of V1, V2 is the internal supply voltage (VCC).
Note 3: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 4: Under typical operating conditions, most of the quiescent current
is drawn from the V1 input. When V2 exceeds V1, V2 supplies most of the
quiescent current.
Note 5: The output pin RST has an internal pull-up to VCC of typically 6µA.
However, an external pull-up resistor may be used when a faster rise time
is required or for VOH voltages greater than VCC.
TYPICAL PERFOR A CE CHARACTERISTICS
5V Threshold Voltage
vs Temperature
3.3V Threshold Voltage
vs Temperature
2.5V Threshold Voltage
vs Temperature
TEMPERATURE (°C)
–50
4.750
4.725
4.700
4.675
4.650
4.625
4.600
25
75
2908 G01
–25
0
50
100
TEMPERATURE (°C)
–50
3.135
3.115
3.095
3.075
3.055
3.035
25
75
2908 G02
–25
0
50
100
TEMPERATURE (°C)
–50
2.375
2.360
2.345
2.330
2.315
2.300
25
75
2908 G03
–25
0
50
100
Specifications are at TA = 25°C unless otherwise noted.


Similar Part No. - LTC2908IDDB-A1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908IDDB-A1-TRMPBF LINER-LTC2908IDDB-A1-TRMPBF Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
More results

Similar Description - LTC2908IDDB-A1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com