Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM5401 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5401
Description  10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5401 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5401 Datasheet HTML 1Page - Broadcom Corporation. BCM5401 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5401
®
10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
Complete 10/100/1000BASE-T Network Interface Card (NIC) Solution
Fully integrated 10BASE-T/100BASE-TX/1000BASE-T
Gigabit Ethernet transceiver
• IEEE 802.3, 802.3u, and 802.3ab standards
Digital Signal Processor (DSP) based design offering robust,
fully adaptive performance and simplified board design
Field-proven design based on the BCM5400
Register and software compatible with the BCM5400
Advanced power management
• Low-power 1.8V digital core
• Wake on LAN support
Integrated cable test features
• Link quality indication
• Automatic detection and correction of wiring pair swaps, pair
skew, and pair polarity
• Automatic MDI crossover
IEEE 802.3ab standard auto-negotiation with next page
support to determine operating speed
Internal 125-MHz low-jitter clock generation
GMII interface and 10-bit interface (TBI)
Support for jumbo packets up to 9 KB
JTAG test interface
256-pin TBGA package
Provides robust operation at 1000 Mbps on existing CAT 5
cable plants.
Supports 10/100/1000BASE-T applications.
Dynamically senses and adapts to changes in the channel
conditions of the cable plant.
Backward software compatibility with, and similar layout to,
the BCM5400 allows easy migration to the newest technology.
Does not require heat sink or airflow.
Allows characterization of cable plant and immediate
indication of cabling issues for 1000BASE-T.
Simplifies installation and diagnostics of cable plants.
Automatically configures the link to support the highest
possible speed (10/100/1000 Mbps and full-duplex or half-
duplex operation).
125-MHz clock eliminates costly external clocking circuitry for
the MAC/ASIC.
Compatible with any existing MAC/ASIC that supports either
an industry-standard 10-bit interface (TBI) or IEEE 802.3z
standard GMII.
Flexible and programmable LED support.
• Includes visual link quality indicator
FE A T UR E S
SU MM AR Y O F B E N E FI TS
10/100/1000 Mbps MAC
Memory
RJ-45
BCM5401
10/100/1000BASE-T
Gigabit Ethernet Transceiver


Similar Part No. - BCM5401

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5400 BOARDCOM-BCM5400 Datasheet
126Kb / 1P
   100/1000 BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5402 BOARDCOM-BCM5402 Datasheet
132Kb / 1P
   DUAL PORT 10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER
BCM5404 BOARDCOM-BCM5404 Datasheet
163Kb / 1P
   QUAD PORT 10/100/1000 BASE - T GIGABIT COPPER TRANSCEIVER
More results

Similar Description - BCM5401

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5482A2KFBG BOARDCOM-BCM5482A2KFBG Datasheet
181Kb / 2P
   DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5488 BOARDCOM-BCM5488 Datasheet
146Kb / 1P
   OCTAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5482SA1KFBG BOARDCOM-BCM5482SA1KFBG Datasheet
193Kb / 2P
   DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5482A1KFBG BOARDCOM-BCM5482A1KFBG Datasheet
193Kb / 2P
   DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5466RA0KFBG BOARDCOM-BCM5466RA0KFBG Datasheet
204Kb / 2P
   QUAD-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5482SA2IFBG BOARDCOM-BCM5482SA2IFBG Datasheet
143Kb / 2P
   DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5482SA2KFBG BOARDCOM-BCM5482SA2KFBG Datasheet
143Kb / 2P
   DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5482SEA2IFB BOARDCOM-BCM5482SEA2IFB Datasheet
143Kb / 2P
   DUAL-PORT 10/100/1000BASE-T GIGABIT ETHERNET TRANSCEIVER
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com