Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1648CGTR Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1648CGTR
Description  Built-in OVP White LED Step-Up Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1648CGTR Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1648CGTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1648CGTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1648CGTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1648CGTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1648CGTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1648CGTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1648CGTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1648CGTR Datasheet HTML 9Page - Analog Intergrations Corporation AIC1648CGTR Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AIC1648
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Temperature (
°C)
Fig. 14 Output voltage vs. temperature
-40
-20
0
20
40
60
80
100
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
6 Samples' Temperature Data
3 LEDs
ILED=20mA
Temperature (
°C)
Fig. 15 LED Current vs. Temperature
-80
-60
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
4 LEDs
VIN=4.2V
VIN=3.6V
VIN=3.3V
VIN=2.5V
BLOCK DIAGRAM
CC
*
RC*
RS*
M1
*
-
+
PWM
Comparator
27V
OVP
Over Voltage
Comparator
-
+
95mV
VIN
FB
Soft Start
Internal
VREF
+
-
Error
AMP
GND
SW
PWM/PFM
Control
SHDN
Driver
+
-
Current AMP.
Control
Logic
1.2MHz
Oscillator
Slope
Compensation
6


Similar Part No. - AIC1648CGTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CN AIC-AIC1640-30CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CS AIC-AIC1640-30CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CN AIC-AIC1640-33CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CS AIC-AIC1640-33CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC1648CGTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3643 AIC-AIC3643 Datasheet
260Kb / 13P
   Built-in OVP White LED Step-Up Converter
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
   Built-in OVP White LED Step-up Converter
HT7937 HOLTEK-HT7937 Datasheet
827Kb / 13P
   Built-in OVP White LED Step-up Converter
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com