Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR16MCT9 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MCT9
Description  CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MCT9 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CR16MCT9 Datasheet HTML 5Page - National Semiconductor (TI) CR16MCT9 Datasheet HTML 6Page - National Semiconductor (TI) CR16MCT9 Datasheet HTML 7Page - National Semiconductor (TI) CR16MCT9 Datasheet HTML 8Page - National Semiconductor (TI) CR16MCT9 Datasheet HTML 9Page - National Semiconductor (TI) CR16MCT9 Datasheet HTML 10Page - National Semiconductor (TI) CR16MCT9 Datasheet HTML 11Page - National Semiconductor (TI) CR16MCT9 Datasheet HTML 12Page - National Semiconductor (TI) CR16MCT9 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 153 page
background image
9
www.national.com
PF0
TIA
45
I/O
NMI
46
I
X1CKO
47
O
X1CKI
48
I
GND
49
PWR
Vcc
50
PWR
GND
51
PWR
X2CKO
52
O
X2CKI
53
I
RESET2
54
I
PI0
ACH03
55
I/O
PI1
ACH13
56
I/O
PI2
ACN23
57
I/O
PI3
ACH33
58
I/O
PI4
ACH43
59
I/O
PI5
ACH53
60
I/O
PI6
ACH63
61
I/O
PI7
ACH73
62
I/O
Vref
63
PWR
AGND
64
PWR
AVcc
65
PWR
PH0
ACH83, WUI4
66
I/O
PH1
ACH93, WUI5
67
I/O
PH2
ACH103, WUI6
68
I/O
PH3
ACH113, WUI7
69
I/O
GND
70
PWR
Vcc
71
PWR
GND
72
PWR
PL0
COMP1N3, WUI0
73
I/O
PL1
COMP1P3, WUI1
74
I/O
PL2
COMP1O, WUI2
75
I/O
PL3
COMP2O, WUI3
76
I/O
PL4
COMP2P3
77
I/O
PL5
COMP2N3
78
I/O
PL6
TIO7
79
I/O
PL7
TIO8
80
I/O
Note 1: The ENV0 and ENV1 pins each have a weak pull-up to keep the input from floating.
Note 2: The RESET input has a weak pulldown.
Note 3: These functions are always enabled, due to the direct low-impedance path to these pins.
Table 1
Package Pin Assignments
Pin Name
Alternate Function(s)
Pin Number
Type


Similar Part No. - CR16MCT9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MCS5 NSC-CR16MCS5 Datasheet
722Kb / 156P
   Family of 16-bit CAN-enabled CompactRISC Microcontrollers
CR16MCS5VJE0 NSC-CR16MCS5VJE0 Datasheet
722Kb / 156P
   Family of 16-bit CAN-enabled CompactRISC Microcontrollers
CR16MCS5VJE1 NSC-CR16MCS5VJE1 Datasheet
722Kb / 156P
   Family of 16-bit CAN-enabled CompactRISC Microcontrollers
CR16MCS5VJE2 NSC-CR16MCS5VJE2 Datasheet
722Kb / 156P
   Family of 16-bit CAN-enabled CompactRISC Microcontrollers
CR16MCS5VJE3 NSC-CR16MCS5VJE3 Datasheet
722Kb / 156P
   Family of 16-bit CAN-enabled CompactRISC Microcontrollers
More results

Similar Description - CR16MCT9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC002 TI-TMS470R1VC002 Datasheet
670Kb / 42P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
logo
Mitsubishi Electric Sem...
M5M27C202P-12 MITSUBISHI-M5M27C202P-12 Datasheet
586Kb / 10P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ONE TIME REPROGRAMMABLE ROM?
M5M27C202K-10 MITSUBISHI-M5M27C202K-10 Datasheet
562Kb / 9P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ERASABLE AND ELECTRICALLY REPROGRAMMABLE ROM
M5M27C202K-12I MITSUBISHI-M5M27C202K-12I Datasheet
552Kb / 8P
   2097152-BIT(131072-WORD BY 16-BIT) CMOS ERASABLE AND ELECTRICALLY REPROGRAMMABLE ROM?
logo
Intel Corporation
8XC196KB INTEL-8XC196KB Datasheet
247Kb / 17P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
logo
ATMEL Corporation
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com