Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS15MB200TSQX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS15MB200TSQX
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15MB200TSQX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DS15MB200TSQX Datasheet HTML 2Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 3Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 4Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 5Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 6Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 7Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 8Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 9Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TRI-STATE and Powerdown Modes
The DS15MB200 has output enable control on each of the
six onboard LVDS output drivers. This control allows each
output individually to be placed in a low power TRI-STATE
mode while the device remains active, and is useful to
reduce power consumption on unused channels. In TRI-
STATE mode, some outputs may remain active while some
are in TRI-STATE.
When all six of the output enables (all drivers on both chan-
nels) are deasserted (LOW), then the device enters a Pow-
erdown mode that consumes only 0.5mA (typical) of supply
current. In this mode, the entire device is essentially pow-
ered off, including all receiver inputs, output drivers and
internal bandgap reference generators. When returning to
active mode from Powerdown mode, there is a delay until
valid data is presented at the outputs because of the ramp to
power up the internal bandgap reference generators.
Any single output enable that remains active will hold the
device in active mode even if the other five outputs are in
TRI-STATE.
When in Powerdown mode, any output enable that becomes
active will wake up the device back into active mode, even if
the other five outputs are in TRI-STATE.
Input Failsafe Biasing
External pull up and pull down resistors may be used to
provide enough of an offset to enable an input failsafe under
open-circuit conditions. This configuration ties the positive
LVDS input pin to VDD thru a pull up resistor and the
negative LVDS input pin is tied to GND by a pull down
resistor. The pull up and pull down resistors should be in the
5k
Ω to 15kΩ range to minimize loading and waveform dis-
tortion to the driver. The common-mode bias point ideally
should be set to approximately 1.2V (less than 1.75V) to be
compatible with the internal circuitry. Please refer to applica-
tion note AN-1194, “Failsafe Biasing of LVDS Interfaces” for
more information.
Interfacing LVPECL to LVDS
An LVPECL driver consists of a differential pair with coupled
emitters connected to GND via a current source. This drives
a pair of emitter-followers that require a 50 ohm to V
CC-2.0
load. A modern LVPECL driver will typically include the ter-
mination scheme within the device for the emitter follower. If
the driver does not include the load, then an external
scheme must be used. The 1.3 V supply is usually not
readily available on a PCB, therefore, a load scheme without
a unique power supply requirement may be used.
Figure 3 is a separated
π termination scheme for a 3.3 V
LVPECL driver. R1 and R2 provides proper DC load for the
driver emitter followers, and may be included as part of the
driver device (Note 15). The 15MB200 includes a 100 ohm
input termination for the transmission line. The common
mode voltage will be at the normal LVPECL levels – around
2 V. This scheme works well with LVDS receivers that have
rail-to-rail common mode voltage, V
CM, range. Most National
Semiconductor LVDS receivers have wide V
CM range. The
exceptions are noted in devices’ respective datasheets.
Those LVDS devices that do have a wide V
CM range do not
vary in performance significantly when receiving a signal
with a common mode other than standard LVDS V
CM of 1.2
V.
An AC coupled interface is preferred when transmitter and
receiver ground references differ more than 1 V. This is a
likely scenario when transmitter and receiver devices are on
separate PCBs. Figure 4 illustrates an AC coupled interface
between a LVPECL driver and LVDS receiver. R1 and R2, if
not present in the driver device (Note 15), provide DC load
for the emitter followers and may range between 140-220
ohms for most LVPECL devices for this particular configura-
tion. The 15MB200 includes an internal 100 ohm resistor to
terminate the transmission line for minimal reflections. The
signal after ac coupling capacitors will swing around a level
set by internal biasing resistors (i.e. fail-safe) which is either
V
DD/2 or 0 V depending on the actual failsafe implementa-
tion. If internal biasing is not implemented, the signal com-
mon mode voltage will slowly wander to GND level.
20157361
FIGURE 3. DC Coupled LVPECL to LVDS Interface
20157362
FIGURE 4. AC Coupled LVPECL to LVDS Interface
www.national.com
8


Similar Part No. - DS15MB200TSQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200TSQX NSC-DS15MB200TSQX Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200TSQX/NOPB TI1-DS15MB200TSQX/NOPB Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results

Similar Description - DS15MB200TSQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
National Semiconductor ...
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com