Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA3200W Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3200W
Description  Silicon planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3200W Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3200W Datasheet HTML 1Page - Panasonic Semiconductor MA3200W Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MA3200W
Silicon planer type
Constant voltage, constant current, waveform
cripper and surge absorption circuit
s Features
q Mini type package (4-pin)
q Two-element wiring in parallel of MA3200
s Absolute Maximum Ratings (Ta= 25˚C)
Unit : mm
1 : Cathode 1
2 : Cathode 2
3 : Anode 2
4 : Anode 1
Mini Type Package (4-pin)
s Internal Connection
Unit
V
V
µA
mV/˚C
pF
Condition
IF=10mA
IZ= 5mA
IZ= 5mA
VR= 13V
IZ= 5mA
VR= 0V, f=1MHz
s Marking
* 1 : The VZ value is for the temperature of 25˚C. In other cases, carry out the temperature compensation.
* 2 : Guaranteeed at 20ms after power application
* 3 : Tj= 25 to 125˚C
Symbol
VF
VZ*2
RZ
IR
SZ*3
CD
s Electrical Characteristics (Ta= 25˚C)*
1
Rating
100
75
200
150
150
110
15
125
– 55 to + 125
Unit
mA
mA
mA
mA
mW
mW
W
˚C
˚C
Symbol
IF(AV)
IF(AV)
IFRM
IFRM
Ptot*1
Ptot*1
PZSM*2
Tj
Tstg
*1 With a printed-circuit board
*2 t=100µ s, Tj=125˚C
Parameter
Average forward current
Instanious forward current
Total power dissipation
Non-repetitive reverse surge power dissipation
Junction temperature
Storage temperature
4
1
32
Single
Double
Single
Double
Single
Double
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
0.5R
1
2
4
3
0.4
±0.2
0.1 to 0.3
Zener Diodes Composite Elements
MA111
Parameter
Forward voltage
Zener voltage
Operating resistance
Reverse current
Temperature coefficient of zener voltage
Terminal capacitance
min
17.0
12.4
typ
0.8
20.0
15
16.4
36
max
0.9
22.0
55
50
18.4
60
20W


Similar Part No. - MA3200W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3200WA PANASONIC-MA3200WA Datasheet
28Kb / 2P
   Silicon planer type
More results

Similar Description - MA3200W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZK270D PANASONIC-MAZK270D Datasheet
18Kb / 1P
   Silicon planer type
MA3082WA PANASONIC-MA3082WA Datasheet
18Kb / 1P
   Silicon planer type
MA3100WA PANASONIC-MA3100WA Datasheet
29Kb / 2P
   Silicon planer type
MA3047W PANASONIC-MA3047W Datasheet
30Kb / 2P
   Silicon planer type
MA4Z082WA PANASONIC-MA4Z082WA Datasheet
26Kb / 2P
   Silicon planer type
MAZE062D PANASONIC-MAZE062D Datasheet
16Kb / 1P
   Silicon planer type
MA3056W PANASONIC-MA3056W Datasheet
19Kb / 1P
   Silicon planer type
MAZC062D PANASONIC-MAZC062D Datasheet
17Kb / 1P
   Silicon planer type
MAZL068D PANASONIC-MAZL068D Datasheet
27Kb / 2P
   Silicon planer type
MA3075WA PANASONIC-MA3075WA Datasheet
28Kb / 2P
   Silicon planer type
MA3075WK PANASONIC-MA3075WK Datasheet
27Kb / 2P
   Silicon planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com