Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-S670 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMX-S670
Description  High Performance Surface Mount Chip LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMX-S670 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMX-S670 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Note:
1. Bin categories are established for classification of products. Products may not be
available in all bin categories. Please contact your Agilent representative for
information on currently available bins.
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Bin ID
Min.
Max.
A
0.11
0.18
B
0.18
0.29
C
0.29
0.45
D
0.45
0.72
E
0.72
1.10
F
1.10
1.80
G
1.80
2.80
H
2.80
4.50
J
4.50
7.20
K
7.20
11.20
L
11.20
18.00
M
18.00
28.50
N
28.50
45.00
P
45.00
71.50
Q
71.50
112.50
R
112.50
180.00
S
180.00
285.00
T
285.00
450.00
U
450.00
715.00
V
715.00
1125.00
W
1125.00
1800.00
X
1800.00
2850.00
Y
2850.00
4500.00
Tolerance
± 15%


Similar Part No. - HSMX-S670

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
HSMX-A3XX-XXXXX AVAGO-HSMX-A3XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
More results

Similar Description - HSMX-S670

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com