Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-S670 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSMX-S670
Description  High Performance Surface Mount Chip LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMX-S670 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSMX-S670 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMX-S670 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 5. Relative Luminous Intensity vs. Angular Displacement for HSMx-S660.
Figure 6. Relative Luminous Intensity vs. Angular Displacement for HSMx-S670.
Figure 7. Relative Luminous Intensity vs. Angular Displacement for HSMx-S690.
1.0
10
100
40
70
20
60
80
30
50
90
0.6
0.8
0.2
0.4
ANGULAR DISPLACEMENT – DEGREES
10°
20°
30°
40°
50°
60°
70°
80°
90°
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
-100-90
0.1
0.3
0.4
-80 -70 -60 -50 -40
-20 -10 0
-30
10 20 30 40 50 60 70 80 90 100
0.9
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
-100-90
0.1
0.3
0.4
-80 -70 -60 -50 -40
-20 -10 0
-30
10 20 30 40 50 60 70 80 90 100
0.9


Similar Part No. - HSMX-S670

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
HSMX-A3XX-XXXXX AVAGO-HSMX-A3XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
More results

Similar Description - HSMX-S670

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com