Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL115UA-K Datasheet(PDF) 10 Page - Micronas

Part # HAL115UA-K
Description  Hall Effect Sensor Family
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115UA-K Datasheet(HTML) 10 Page - Micronas

Back Button HAL115UA-K Datasheet HTML 6Page - Micronas HAL115UA-K Datasheet HTML 7Page - Micronas HAL115UA-K Datasheet HTML 8Page - Micronas HAL115UA-K Datasheet HTML 9Page - Micronas HAL115UA-K Datasheet HTML 10Page - Micronas HAL115UA-K Datasheet HTML 11Page - Micronas HAL115UA-K Datasheet HTML 12Page - Micronas HAL115UA-K Datasheet HTML 13Page - Micronas HAL115UA-K Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HAL114
10
Micronas
4. Type Description
4.1. HAL 114
The HAL 114 is a unipolar switching sensor (see
Fig. 4–1).
The output turns low with the magnetic south pole on the
branded side of the package and turns high if the mag-
netic field is removed. The sensor does not respond to
the magnetic north pole on the branded side.
For correct functioning in the application, the sensor re-
quires only the magnetic south pole on the branded side
of the package.
Magnetic Features:
– switching type: unipolar
– typical BON: 21.1 mT at room temperature
– typical BOFF: 17.1 mT at room temperature
– operates with static magnetic fields and dynamic mag-
netic fields up to 20 kHz
Applications
The HAL 114 is the optimal sensor for applications with
one magnetic polarity such as:
– solid state switches,
– contactless solution to replace micro switches,
– position and end-point detection, and
– rotating speed measurement.
BHYS
Output Voltage
Fig. 4–1: Definition of magnetic switching points for
the HAL 114
0BOFF
BON
VOL
VO
B
Magnetic Characteristics at TJ = –40 °C to +140 °C, VDD = 4.5 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
–40
°C
7.5
21.5
36
4.3
17.4
33.2
2.8
4.1
5
mT
25
°C
7
21.1
34
4
17.1
31.2
2.8
4
4.5
mT
100
°C
6.3
19.9
31.5
3.6
16.4
28.9
2.6
3.5
4
mT
140
°C
6.1
19.4
31.3
3.6
16.1
28.8
2.2
3.3
4
mT
The hysteresis is the difference between the switching points BHYS = BON – BOFF
The magnetic limits given above refer to parts in the original packaging. Mechanical stress on the hall sensitive areas
on the chip surface may generate an additional magnetic offset, which can slightly change the magnetic switching
points. This behavior is a physical phenomenon and not a malfunction of the sensor. Mechanical stress on the hall plates
can be caused, for example, by overmoulding the plastic package or by wide range temperature changes like soldering
or operating the parts at extreme temperatures.
Please use a sensor of the HAL 5xx family if a robustness against mechanical stress is required.


Similar Part No. - HAL115UA-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
More results

Similar Description - HAL115UA-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com