Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V37L20PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT70V37L20PF
Description  HIGH-SPEED 3.3V 32K x 18 DUAL- STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V37L20PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT70V37L20PF Datasheet HTML 3Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 4Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 5Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 6Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 7Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 8Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 9Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 10Page - Integrated Device Technology IDT70V37L20PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
IDT70V37L
Preliminary
High-Speed 3.3V 32K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
70V37L15
Com'l Only
70V37L20
Com'l
& Ind
Unit
Symbol
Parameter
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
15
____
20
____
ns
tAA
Address Access Time
____
15
____
20
ns
tACE
Chip Enable Access Time(3)
____
15
____
20
ns
tABE
Byte Enable Access Time(3)
____
15
____
20
ns
tAOE
Output Enable Access Time
____
10
____
12
ns
tOH
Output Hold from Address Change
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
ns
tPU
Chip Enable to Power Up Time (2)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
15
____
20
ns
tSOP
Semapho re Flag Update Pulse (
OE or SEM)10
____
10
____
ns
tSAA
Semaphore Address Access Time
____
15
____
20
ns
4851 tbl 12
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2.
This parameter is guaranted by device characterization, but is not production tested.
3.
To access RAM,
CE= VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4.
The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage and
temperature, the actual tDH will always be smaller than the actual tOW.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage
Symbol
Parameter
70V37L15
Com'l Only
70V37L20
Com'l
& Ind
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
15
____
20
____
ns
tEW
Chip Enable to End-of-Write(3)
12
____
15
____
ns
tAW
Address Valid to End-of-Write
12
____
15
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
ns
tWP
Write Pulse Width
12
____
15
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tDW
Data Valid to End-of-Write
10
____
15
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
ns
tDH
Data Hold Time(4)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
10
____
10
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
ns
4851 tbl 13


Similar Part No. - IDT70V37L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V37L IDT-IDT70V37L Datasheet
659Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L_15 Datasheet
659Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L_17 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V37L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V37L IDT-IDT70V37L_15 Datasheet
659Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L_17 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V37 RENESAS-70V37 Datasheet
464Kb / 19P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7037 IDT-IDT7037 Datasheet
150Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT7037L IDT-IDT7037L_15 Datasheet
686Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com