Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMC-S670 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMC-S670
Description  High Performance Surface Mount Chip LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMC-S670 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSMC-S670 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMC-S670 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMC-S670 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMC-S670 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMC-S670 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMC-S670 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMC-S670 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMC-S670 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMC-S670 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 8. Recommended Solder Patterns.
Figure 9. Recommended Pb-Free IR Reflow Profile.
0.9
2.0
5.0
1.5
0.9
0.2
1.3
1.1
3.4
0.8
0.8
2.4
HSMX-S690 SERIES
HSMX-S670 SERIES
HSMX-S660 SERIES
EMITTED DIRECTION
MOUNTING EXAMPLE
RWS CENTER
217 °C
MAX. 120 SEC.
6 °C/SEC. MAX.
3 °C/SEC. MAX.
140 - 160 °C
255 °C (+5/-0)
60 to 150 SEC.
* THE TIME FROM 25 °C TO PEAK TEMPERATURE = 6 MINUTES MAX.
10 to 20 SEC.
TIME


Similar Part No. - HSMC-S670

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HSMC-1-XX-1-GT ADAM-TECH-HSMC-1-XX-1-GT Datasheet
112Kb / 1P
   909 Rahway Avenue
logo
Agilent(Hewlett-Packard...
HSMC-A100-J00J1 HP-HSMC-A100-J00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-J00J1 AVAGO-HSMC-A100-J00J1 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMC-A100-J00J1 HP-HSMC-A100-J00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A100-N00H1 BOARDCOM-HSMC-A100-N00H1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMC-S670

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com