Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3442EDE Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTC3442EDE
Description  Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3442EDE Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTC3442EDE Datasheet HTML 1Page - Linear Integrated Systems LTC3442EDE Datasheet HTML 2Page - Linear Integrated Systems LTC3442EDE Datasheet HTML 3Page - Linear Integrated Systems LTC3442EDE Datasheet HTML 4Page - Linear Integrated Systems LTC3442EDE Datasheet HTML 5Page - Linear Integrated Systems LTC3442EDE Datasheet HTML 6Page - Linear Integrated Systems LTC3442EDE Datasheet HTML 7Page - Linear Integrated Systems LTC3442EDE Datasheet HTML 8Page - Linear Integrated Systems LTC3442EDE Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3442
1
3442f
, LTC and LT are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Burst Mode is a registered
trademark of Linear Technology Corporation. Protected by U.S. Patents including 6404251,
6166527.
SW1
VIN
SHDN/SS
RLIM
RT
SGND
SW2
VOUT
FB
VC
BURST
PGND
LTC3442
10µF
0.01µF
VIN
2.5V TO
4.2V
Li-Ion
340k
2.2k
22µF
220pF
VOUT
3.3V
1.2A
200k
0.01µF
15k
470pF
3442 TA01a
4.7µH
1M
71.5k
200k
TYPICAL APPLICATIO
APPLICATIO S
FEATURES
DESCRIPTIO
Micropower Synchronous
Buck-Boost DC/DC Converter with
Automatic Burst Mode Operation
The LTC
®3442 is a highly efficient, fixed frequency, Buck-
Boost DC/DC converter, which operates from input volt-
ages above, below, and equal to the output voltage. The
topology incorporated in the IC provides a continuous
transfer function through all operating modes, making the
product ideal for a single Lithium-Ion or multicell alkaline
applications where the output voltage is within the battery
voltage range.
The device includes two 0.10Ω N-channel MOSFET
switches and two 0.10Ω P-channel switches. Operating
frequency and average input current limit can each be
programmed with an external resistor. Quiescent current
is only 35µA in Burst Mode operation, maximizing battery
life in portable applications. Automatic Burst Mode opera-
tion allows the user to program the load current for Burst
Mode operation, or to control it manually.
Other features include 1µA shutdown current, program-
mable soft-start, peak current limit and thermal shutdown.
The LTC3442 is available in a low profile, thermally en-
hanced 12-lead (4mm × 3mm × 0.75mm) DFN package.
PDA/‘SMART’ Phones
Handheld Computers
MP3 Players
Handheld Instruments
Digital Cameras
Wireless Handsets
USB Peripherals
Efficiency vs VIN
VIN (V)
2.5
100
90
80
70
60
50
3.0
3.5
4.0
4.5
3442 • TA01b
5.0
5.5
1A LOAD
300mA LOAD
VOUT = 3.3V
L = 4.7µH
F = 600kHz
Regulated Output with Input Voltages Above,
Below, or Equal to the Output
Single Inductor, No Schottky Diodes Required
Manual or Programmable Automatic Burst Mode
®
Operation
Programmable Average Input Current Limit
Up to 1.2A Continuous Output Current from a Single
Lithium-Ion Cell
High Efficiency: Up to 95%
Output Disconnect in Shutdown
2.4V to 5.5V Input Range
2.4V to 5.25V Output Range
35µA Quiescent Current in Burst Mode Operation
Programmable Frequency from 300kHz to 2MHz
<1µA Shutdown Current
Small, Thermally Enhanced 12-Lead (4mm × 3mm)
DFN Package


Similar Part No. - LTC3442EDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3442EDE LINER-LTC3442EDE Datasheet
364Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
More results

Similar Description - LTC3442EDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3442 LINER-LTC3442 Datasheet
364Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
LTC3442 LINER-LTC3442_15 Datasheet
564Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com