Electronic Components Datasheet Search |
|
LTTJ Datasheet(PDF) 2 Page - Linear Integrated Systems |
|
LTTJ Datasheet(HTML) 2 Page - Linear Integrated Systems |
2 / 28 page 2 LTC1967 1967f Supply Voltage V+ to GND ............................................................. 6V Input Currents (Note 2) ..................................... ±10mA Output Current (Note 3) ..................................... ±10mA ENABLE Voltage ......................................... –0.3V to 6V OUT RTN Voltage ........................................ –0.3V to V+ Operating Temperature Range (Note 4) LTC1967C/LTC1967I ......................... – 40 °C to 85°C Specified Temperature Range (Note 5) LTC1967C/LTC1967I ......................... – 40 °C to 85°C Maximum Junction Temperature ......................... 150 °C Storage Temperature Range ................ – 65 °C to 150°C Lead Temperature (Soldering, 10 sec)................. 300 °C ORDER PART NUMBER LTC1967CMS8 LTC1967IMS8 TJMAX = 150°C, θJA = 220°C/ W ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO (Note 1) MS8 PART MARKING LTTJ The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. V+ = 5V, VOUTRTN = 2.5V, CAVE = 10µF, VIN = 200mVRMS, VENABLE = 0.5V unless otherwise noted. ELECTRICAL CHARACTERISTICS Consult LTC Marketing for parts specified with wider operating temperature ranges. 1 2 3 4 GND IN1 IN2 NC 8 7 6 5 ENABLE V+ OUT RTN VOUT TOP VIEW MS8 PACKAGE 8-LEAD PLASTIC MSOP SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS Conversion Accuracy GERR Low Frequency Gain Error 50Hz to 5kHz Input (Notes 6, 7) ±0.1 ±0.3 % q ±0.4 % VOOS Output Offset Voltage (Notes 6, 7) 0.1 0.55 mV ∆VOOS/∆T Output Offset Drift (Note 11) q 210 µV/°C LINERR Linearity Error 50mV to 350mV (Notes 7, 8) q 0.02 0.15 % PSRRG Power Supply Rejection (Note 9) 0.02 0.15 %/V q 0.20 %/V VIOS Input Offset Voltage (Notes 6, 7, 10) 0.2 1.5 mV ∆VIOS/∆T Input Offset Drift (Note 11) q 110 µV/°C Additional Error vs Crest Factor (CF) CF = 3 60Hz Fundamental, 200mVRMS q 0.2 mV CF = 5 60Hz Fundamental, 200mVRMS q 5mV Input Characteristics VIMAX Maximum Peak Input Swing Accuracy = 1% (Note 14) q 1 1.05 V IVR Input Voltage Range q 0V+ V ZIN Input Impedance Average, Differential (Note 12) 5 M Ω Average, Common Mode (Note 12) 100 M Ω CMRRI Input Common Mode Rejection (Note 13) q 50 400 µV/V VIMIN Minimum RMS Input q 5mV PSRRI Power Supply Rejection (Note 9) q 250 600 µV/V |
Similar Part No. - LTTJ |
|
Similar Description - LTTJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |