Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1507ETA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1507ETA
Description  Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1507ETA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1507ETA Datasheet HTML 4Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 5Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 6Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 7Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 8Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 9Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 10Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 11Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Linear Li+Battery Charger with Integrated Pass FET
and Thermal Regulation in 3mm x 3mm Thin DFN
_______________________________________________________________________________________
9
Application Circuits
Stand-Alone Li+ Charger
The MAX1507 provides a complete Li+ charging solu-
tion. The Typical Application Circuit on the front page
shows the MAX1507 as a stand-alone Li+ battery
charger. The 2.8kΩ resistor connected to ISET sets a
charging current of 520mA. The LED indicates when
either fast-charge or precharge qualification has
begun. When the battery is full, the LED turns off.
Microprocessor-Interfaced Charger
Figure 3 shows the MAX1507 as a µP-cooperated Li+
battery charger. The MAX1507 starts charging the bat-
tery when EN is low. The µP can drive EN high to dis-
able the charger. Use a logic-biased NPN transistor as
an inverter circuit to generate an AC_ON signal for the
system to detect the presence of an input supply. CHG
can be used to detect the charge status of a battery.
By monitoring VISET, the system can measure the
charge current.
USB-Powered Li+ Charger
The universal serial bus (USB) provides a high-speed
serial communication port as well as power for the
remote device. The MAX1507 can be configured to
charge its battery at the highest current possible from
the host port. Figure 4 shows the MAX1507 as a USB
battery charger. To make the circuit compatible with
either 100mA or 500mA USB ports, the circuit initializes
at 95mA charging current. The microprocessor then
interrogates the host to determine its current capability.
If the host port is capable, the charging current is
increased to 435mA. The 435mA current was chosen to
avoid exceeding the 500mA USB specification.
MAX1507
1µF
2.8kΩ
IN
CHG
1µF
4.2V Li+
BATT
EN
GND
SYSTEM
TEMP
VL
ISET
AC/DC
ADAPTER
VI/O
ROHM
DTC114EM
VI/O
AC_ON
CHARGE-CURRENT MONITOR
LOW: CHARGE, HIGH: FULL OR OFF
0.47µF
Figure 3. µP Interfaced Li+ Battery Charger


Similar Part No. - MAX1507ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1507ETA+T MAXIM-MAX1507ETA+T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507ETA+T MAXIM-MAX1507ETA+T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
More results

Similar Description - MAX1507ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507 MAXIM-MAX1507_V01 Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
MAX1508 MAXIM-MAX1508_V01 Datasheet
259Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
MAX1508 MAXIM-MAX1508 Datasheet
198Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN
19-2890; Rev 1; 10/03
logo
Linear Technology
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
Maxim Integrated Produc...
MAX8808X MAXIM-MAX8808X Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
2005
MAX8808 MAXIM-MAX8808 Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
Rev 0; 4/05
logo
Linear Technology
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com