Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9993FA Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC9993FA
Description  INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9993FA Datasheet(HTML) 4 Page - Motorola, Inc

  MPC9993FA Datasheet HTML 1Page - Motorola, Inc MPC9993FA Datasheet HTML 2Page - Motorola, Inc MPC9993FA Datasheet HTML 3Page - Motorola, Inc MPC9993FA Datasheet HTML 4Page - Motorola, Inc MPC9993FA Datasheet HTML 5Page - Motorola, Inc MPC9993FA Datasheet HTML 6Page - Motorola, Inc MPC9993FA Datasheet HTML 7Page - Motorola, Inc MPC9993FA Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC9993
MOTOROLA
TIMING SOLUTIONS
4
Table 3. DC CHARACTERISTICS (VCC = 3.3V ± 5%, TA = –40° to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS control inputs (MR, PLL_En, Sel_Clk, Man_Override, Alarm_Reset)
VIH
Input High Voltage
2.0
VCC + 0.3
V
VIL
Input Low Voltage
0.8
V
IIN
Input Currenta
±100
µA
VIN=VCC or GND
LVCMOS control outputs (Clk_selected, Inp0bad, Inp1bad)
VOH
Output High Voltage
2.0
V
IOH=-24 mA
VOL
Output Low Voltage
0.55
V
IOL= 24 mA
LVPECL clock inputs (CLK0, CLK1, Ext_FB)b
VPP
DC Differential Input Voltagec
0.1
1.3
V
Differential operation
VCMR
Differential Cross Point Voltaged
VCC-1.8
VCC-0.3
V
Differential operation
IIN
Input Currenta
±100
µA
VIN=VCC or GND
LVPECL clock outputs (QA[1:0], QB[2:0])
VOH
Output High Voltage
VCC-1.20
VCC-0.95
VCC-0.70
V
Termination 50
W to VTT
VOL
Output Low Voltage
VCC-1.90
VCC-1.75
VCC-1.45
V
Termination 50
W to VTT
Supply Current
IGND
Maximum Power Supply Current
180
mA
GND pins
ICC_PLL
Maximum PLL Supply Current
15
mA
VCC_PLL pin
a. Inputs have internal pull-up/pull-down resistors affecting the input current.
b. Clock inputs driven by differential LVPECL compatible signals.
c. VPP is the minimum differential input voltage swing required to maintain AC characteristics.
d. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC)
range and the input swing lies within the VPP (DC) specification.


Similar Part No. - MPC9993FA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
More results

Similar Description - MPC9993FA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC99J93 MOTOROLA-MPC99J93 Datasheet
265Kb / 8P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC99J93 RENESAS-MPC99J93 Datasheet
560Kb / 10P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
logo
Motorola, Inc
MPC9893 MOTOROLA-MPC9893 Datasheet
475Kb / 16P
   Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch
logo
Exar Corporation
XRK7988 EXAR-XRK7988 Datasheet
231Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7933 EXAR-XRK7933 Datasheet
233Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK79892 EXAR-XRK79892 Datasheet
277Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK799J93 EXAR-XRK799J93 Datasheet
205Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7955 EXAR-XRK7955 Datasheet
233Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com