Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTF6P02T3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTF6P02T3
Description  Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF6P02T3 Datasheet(HTML) 7 Page - ON Semiconductor

  NTF6P02T3 Datasheet HTML 1Page - ON Semiconductor NTF6P02T3 Datasheet HTML 2Page - ON Semiconductor NTF6P02T3 Datasheet HTML 3Page - ON Semiconductor NTF6P02T3 Datasheet HTML 4Page - ON Semiconductor NTF6P02T3 Datasheet HTML 5Page - ON Semiconductor NTF6P02T3 Datasheet HTML 6Page - ON Semiconductor NTF6P02T3 Datasheet HTML 7Page - ON Semiconductor NTF6P02T3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTF6P02T3
http://onsemi.com
7
PACKAGE DIMENSIONS
SOT–223 (TO–261)
CASE 318E–04
ISSUE K
H
S
F
A
B
D
G
L
4
12
3
0.08 (0003)
C
M
K
J
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.249
0.263
6.30
6.70
INCHES
B
0.130
0.145
3.30
3.70
C
0.060
0.068
1.50
1.75
D
0.024
0.035
0.60
0.89
F
0.115
0.126
2.90
3.20
G
0.087
0.094
2.20
2.40
H 0.0008 0.0040
0.020
0.100
J
0.009
0.014
0.24
0.35
K
0.060
0.078
1.50
2.00
L
0.033
0.041
0.85
1.05
M
0
10
0
10
S
0.264
0.287
6.70
7.30
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
__
_
_
STYLE 3:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN


Similar Part No. - NTF6P02T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
142Kb / 6P
   Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
NTF6P02T3-D ONSEMI-NTF6P02T3-D Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
NTF6P02T3G ONSEMI-NTF6P02T3G Datasheet
142Kb / 6P
   Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
More results

Similar Description - NTF6P02T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF3055-160 ONSEMI-NTF3055-160 Datasheet
55Kb / 8P
   Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223
July, 2001 ??Rev. 0
NTMD6N02R2 ONSEMI-NTMD6N02R2 Datasheet
71Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
April, 2004 ??Rev. 2
NTF6P02T3 ONSEMI-NTF6P02T3_06 Datasheet
142Kb / 6P
   Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
NTMD6N02R2 ONSEMI-NTMD6N02R2_05 Datasheet
80Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
August, 2005 ??Rev. 3
NTF6P02 ONSEMI-NTF6P02_V01 Datasheet
212Kb / 8P
   MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V
May, 2019 - Rev. 7
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
logo
Leshan Radio Company
LBSS84LT1 LRC-LBSS84LT1 Datasheet
182Kb / 4P
   Power MOSFET 130m Amps, 50 Volts (P-Channel SOT -23)
logo
Unisonic Technologies
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTTS2P02R2 ONSEMI-NTTS2P02R2 Datasheet
98Kb / 8P
   Power MOSFET -2.4 Amps, -20 Volts Single P-Channel Micro8
December, 2000 ??Rev. 4
MGSF1P02ELT1 ONSEMI-MGSF1P02ELT1 Datasheet
74Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts P-Channel SOT-23
November, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com