Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA569AIDWPR Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA569AIDWPR
Description  Rail-to-Rail I/O, 2A POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA569AIDWPR Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA569AIDWPR Datasheet HTML 1Page - Burr-Brown (TI) OPA569AIDWPR Datasheet HTML 2Page - Burr-Brown (TI) OPA569AIDWPR Datasheet HTML 3Page - Burr-Brown (TI) OPA569AIDWPR Datasheet HTML 4Page - Burr-Brown (TI) OPA569AIDWPR Datasheet HTML 5Page - Burr-Brown (TI) OPA569AIDWPR Datasheet HTML 6Page - Burr-Brown (TI) OPA569AIDWPR Datasheet HTML 7Page - Burr-Brown (TI) OPA569AIDWPR Datasheet HTML 8Page - Burr-Brown (TI) OPA569AIDWPR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OPA569
Rail-to-Rail I/O, 2A
POWER AMPLIFIER
DESCRIPTION
The OPA569 is a low-cost, high-current, operational amplifier
designed for driving a wide variety of loads while operating on
low-voltage supplies. It operates from either single or dual
supplies for design flexibility and has rail-to-rail swing on the
input and output. Typical output swing is within 150mV of the
supply rails, with output current of 2A. Output swing closer to
the rails is achievable with lighter loads.
The OPA569 is unity-gain stable, has low dc errors, is easy
to use, and free from the phase inversion problems found in
some power amplifiers. High performance is maintained at
voltage swings near the output rails.
The OPA569 provides an accurate user-selected current
limit that is set with an external resistor, or digitally adjusted
via a Digital-to-Analog Converter.
The OPA569 output can be independently disabled using the
Enable pin, saving power and protecting the load.
The IMONITOR pin provides a 1:475 bidirectional copy of the
output current. This eliminates the need for a series current
shunt resistor, allowing more voltage to be applied to the
load. This pin can be used for simple monitoring, or feedback
control to establish constant output current.
Two flags are provided: one for warning of thermal over-
stress, and one for current limit condition. The Thermal Flag
pin can be connected to the Enable pin to provide a thermal
shutdown solution.
Packaged in the Texas Instruments PowerPAD™ package,
it is small and easy to heat-sink. The OPA569 is specified for
operation over the industrial temperature range, –40
°C to
+85
°C.
FEATURES
q HIGH OUTPUT CURRENT: 2A
q OUTPUT SWINGS TO: 150mV of Rails with I
O = 2A
q THERMAL PROTECTION
q ADJUSTABLE CURRENT LIMIT
q TWO FLAGS: Current Limit and Temperature
Warning
q LOW SUPPLY VOLTAGE OPERATION: 2.7V to 5.5V
q SHUTDOWN FUNCTION WITH OUTPUT DISABLE
q SMALL POWER PACKAGE: SO-20 PowerPAD™
APPLICATIONS
q THERMOELECTRIC COOLER DRIVER
q LASER DIODE PUMP DRIVER
q VALVE, ACTUATOR DRIVER
q SYNCHRO, SERVO DRIVER
q TRANSDUCER EXCITATION
q GENERAL LINEAR POWER BOOSTER FOR
OP AMPS
q PARALLELING OPTION FOR HIGHER
CURRENT APPLICATIONS
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2003, Texas Instruments Incorporated
SBOS264A – DECEMBER 2002 – REVISED DECEMBER 2003
OPA5
69
OPA569
Thermal
Flag
V–
V
O
Parallel Out 1
Parallel Out 2
NOTE: (1) Connect
for thermal protection.
–In
+In
V+
5
12,13
17, 18
7
4
8
2
14, 15
9
3
19
6
Current
Limit
Set
R
SET
(1)
Current
Limit
Flag
I
MONITOR
Enable
I = I
O/475
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.


Similar Part No. - OPA569AIDWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA569AIDWPR TI1-OPA569AIDWPR Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA569AIDWPRG4 TI1-OPA569AIDWPRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
More results

Similar Description - OPA569AIDWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA567 TI-OPA567 Datasheet
521Kb / 23P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA569 TI1-OPA569 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail I/O, 2A POWER AMPLIFIER
INA326 TI-INA326 Datasheet
459Kb / 21P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
   Rail-to-Rail I/O
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8651 HMSEMI-HM8651 Datasheet
778Kb / 7P
   Power Supply Rail to Rail I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com