Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANH16602SM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANH16602SM
Description  Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE-R Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANH16602SM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SCANH16602SM Datasheet HTML 1Page - National Semiconductor (TI) SCANH16602SM Datasheet HTML 2Page - National Semiconductor (TI) SCANH16602SM Datasheet HTML 3Page - National Semiconductor (TI) SCANH16602SM Datasheet HTML 4Page - National Semiconductor (TI) SCANH16602SM Datasheet HTML 5Page - National Semiconductor (TI) SCANH16602SM Datasheet HTML 6Page - National Semiconductor (TI) SCANH16602SM Datasheet HTML 7Page - National Semiconductor (TI) SCANH16602SM Datasheet HTML 8Page - National Semiconductor (TI) SCANH16602SM Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SCAN16602
Low Voltage Universal 16-bit IEEE 1149.1 Bus
Transceiver with TRI-STATE® Outputs
General Description
The SCAN16602 is a high speed, low-power universal bus
transceiver featuring data inputs organized into two 8-bit
bytes with separate output enable and latch enable control
signals. The byte-wide output enable controls are compli-
mentary to allow direction control with a single R/W line and
no additional logic. This function is configurable as a D-type
Latch or Flip-Flop, and can operate in transparent, latched,
or clocked mode. This device is compliant with IEEE 1149.1
Standard Test Access Port and Boundary Scan Architecture
with the incorporation of the defined boundary-scan test
logic and test access port consisting of Test Data Input (TDI),
Test Data Out (TDO), Test Mode Select (TMS), Test Clock
(TCK), and Test Reset (TRST).
Features
n
IEEE 1149.1 (JTAG) Compliant
n
2.7V to 3.6V V
CC Operation
n
TRI-STATE outputs for bus-oriented applications
n
Dual byte-wide data for bus applications
n
Power down high Impedance inputs and outputs
n
Optional Bus Hold on data inputs eliminates the need
for external pullup/pulldown resistors (SCANH16602,
SCANH162602 versions)
n
Optional 25
Ω series resistors in outputs to minimize
noise and eliminate termination resistors (SCAN162602,
SCANH162602 versions)
n
Supports live insertion/withdrawal
n
Includes CLAMP and HIGHZ instructions
Block Diagram
20051802
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
July 2003
© 2003 National Semiconductor Corporation
DS200518
www.national.com


Similar Part No. - SCANH16602SM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANH162512SM NSC-SCANH162512SM Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
SCANH16512SM NSC-SCANH16512SM Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results

Similar Description - SCANH16602SM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
SN74ALVC16501 TI1-SN74ALVC16501 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ACTQ16245 NSC-54ACTQ16245 Datasheet
72Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
74LVXC164245 NSC-74LVXC164245 Datasheet
103Kb / 4P
   16-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE-R Outputs
54ABT16500 NSC-54ABT16500 Datasheet
113Kb / 8P
   18-Bit Universal Bus Transceivers with TRI-STATE Outputs
logo
Texas Instruments
SNJ54ABT16245WD TI-SNJ54ABT16245WD Datasheet
299Kb / 12P
[Old version datasheet]   54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
logo
National Semiconductor ...
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com