Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5600-BC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SI5600-BC
Description  SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI5600-BC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI5600-BC Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5600-BC Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5600-BC Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5600-BC Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5600-BC Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5600-BC Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5600-BC Datasheet HTML 13Page - List of Unclassifed Manufacturers SI5600-BC Datasheet HTML 14Page - List of Unclassifed Manufacturers SI5600-BC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Si5600
Preliminary Rev. 0.31
11
Figure 4. Si5600 Typical Application Circuit
Si5600
FIFORST
REFCLK
TXCLK16IN±
LVPECL Reference
Clock
LVDS Data Clock
Input
0.1
µF
2200 pF
20 pF
VDD
FIFOERR
TXLOL
RXLOL
LOS
RXCLK1±
TXCLKOUT±
0.033
µF
RXDOUT±
16
FIFO Over/Underflow
Loss-of-Lock
Indicator
Loss-of-Signal
Indicator
LVDS Recovered
Parallel Data
High Speed
Clock Output
LVTTL
Control Inputs
Loss-of-Signal
Level Set
Data Slice
Level Set
Sampling Phase
Level Set
VREF
Voltage Reference
Output (1.25 V)
TXCLK16OUT±
Low Speed
Clock Output
TXDOUT±
0.033
µF
High Speed
Serial Data Output
RXCLK2±
LVDS Recovered
Low Speed
Clock
RESET
RXDIN±
High Speed
Serial Input
0.033
µF
TXDIN±
LVDS Parallel Data
Input
16


Similar Part No. - SI5600-BC

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
SI5600M100 NTE-SI5600M100 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI5600M16 NTE-SI5600M16 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI5600M160 NTE-SI5600M160 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI5600M200 NTE-SI5600M200 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI5600M25 NTE-SI5600M25 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
More results

Similar Description - SI5600-BC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
   SiPHY OC-192/STM-64 TRANSMITTER
logo
Zarlink Semiconductor I...
ZL30131 ZARLINK-ZL30131 Datasheet
232Kb / 11P
   OC-192/STM-64 SONET/SDH/10GbE Network Interface Synchronizer
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
S19235 AMCC-S19235 Datasheet
86Kb / 2P
   OC-192 SONET/SDH/FEC/GbE 16-bit Transceiver
logo
Zarlink Semiconductor I...
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
   SONET/SDH OC-48/OC-192 System Synchronizer
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com