Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM4100GAD8-60 Datasheet(PDF) 4 Page - Texas Instruments

Part # TM4100GAD8-60
Description  4194304 BY 8-BIT DRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM4100GAD8-60 Datasheet(HTML) 4 Page - Texas Instruments

  TM4100GAD8-60 Datasheet HTML 1Page - Texas Instruments TM4100GAD8-60 Datasheet HTML 2Page - Texas Instruments TM4100GAD8-60 Datasheet HTML 3Page - Texas Instruments TM4100GAD8-60 Datasheet HTML 4Page - Texas Instruments TM4100GAD8-60 Datasheet HTML 5Page - Texas Instruments TM4100GAD8-60 Datasheet HTML 6Page - Texas Instruments TM4100GAD8-60 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TM4100GAD8
4194304 BY 8-BIT DRAM MODULE
SMMS508C – MARCH 1992 – REVISED JUNE 1995
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 – A10
40
pF
Ci(RC)
Input capacitance, CAS and RAS
56
pF
Ci(W)
Input capacitance, W
56
pF
CO
Output capacitance (pins DQ1 – DQ8)
12
pF
NOTE 5: VCC = 5 V ± 0.5 V and the bias on the pin under test is 0 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
’4100GAD8-60
’4100GAD8-70
’4100GAD8-80
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tAA
Access time from column address
30
35
40
ns
tCAC
Access time from CAS low
15
18
20
ns
tCPA
Access time from column precharge
35
40
45
ns
tRAC
Access time from RAS low
60
70
80
ns
tCLZ
CAS to output in low impedance
0
0
0
ns
tOFF
Output disable time after CAS high (see Note 6)
0
15
0
18
0
20
ns
NOTE 6: tOFF is specified when the output is no longer driven.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’4100GAD8-60
’4100GAD8-70
’4100GAD8-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Cycle time, random read or write (see Note 7)
110
130
150
ns
tPC
Cycle time, page-mode read or write (see Note 8)
40
45
50
ns
tCHR
Delay time, RAS low to CAS high (CBR refresh only)
15
15
20
ns
tCRP
Delay time, CAS high to RAS low
0
0
0
ns
tCSH
Delay time, RAS low to CAS high
60
70
80
ns
tCSR
Delay time, CAS low to RAS low (CBR refresh only)
10
10
10
ns
tRAD
Delay time, RAS low to column address (see Note 10)
15
30
15
35
15
40
ns
tRAL
Delay time, column address to RAS high
30
35
40
ns
tCAL
Delay time, column address to CAS high
30
35
40
ns
tRCD
Delay time, RAS low to CAS low (see Note 10)
20
45
20
52
20
60
ns
tRPC
Delay time, RAS high to CAS low
0
0
0
ns
tRSH
Delay time, CAS low to RAS high
15
18
20
ns
tCAH
Hold time, column address after CAS low
10
15
15
ns
tDHR
Hold time, data after RAS low (see Note 9)
50
55
60
ns
tDH
Hold time, data
10
15
15
ns
tAR
Hold time, column address after RAS low (see Note 9)
50
55
60
ns
NOTES:
7. All cycle times assume tT = 5 ns.
8. To assure tPC min, tASC should be ≥ tCP.
9. The minimum value is measured when tRCD is set to tRCD min as a reference.
10. The maximum value is specified only to assure access time.


Similar Part No. - TM4100GAD8-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4100EAD9 TI1-TM4100EAD9 Datasheet
113Kb / 9P
[Old version datasheet]   4194304 BY 9-BIT DYNAMIC RAM MODULE
TM4100EAD9-60 TI1-TM4100EAD9-60 Datasheet
113Kb / 9P
[Old version datasheet]   4194304 BY 9-BIT DYNAMIC RAM MODULE
TM4100EAD9-70 TI1-TM4100EAD9-70 Datasheet
113Kb / 9P
[Old version datasheet]   4194304 BY 9-BIT DYNAMIC RAM MODULE
More results

Similar Description - TM4100GAD8-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497GU8 TI1-TM497GU8 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 8-BIT DYNAMIC RAM MODULE
TM497MBK36Q TI1-TM497MBK36Q Datasheet
125Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULE
TM497BBK32 TI-TM497BBK32 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM4100EAD9 TI1-TM4100EAD9 Datasheet
113Kb / 9P
[Old version datasheet]   4194304 BY 9-BIT DYNAMIC RAM MODULE
TM497EU9 TI-TM497EU9 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 9-BIT DYNAMIC RAM MODULE
logo
Mitsubishi Electric Sem...
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5408BFP RENESAS-M5M5408BFP Datasheet
143Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M54R08J-12 MITSUBISHI-M5M54R08J-12 Datasheet
57Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com