Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65669FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M65669FP
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65669FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M65669FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65669FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65669FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65669FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65669FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65669FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M65669FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M65669FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M65669FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
M65669SP/FP
MITSUBISHI DIGITAL TV ICs
PICTURE-IN-PICTURE
SIGNAL PROCESSING
PRELIMINARY
Notice ; This is not the final specification.
Some of information in this document are
subject to changes.
V3.1
(
/
)
15
Internal register information (preliminary)
00h <7>
DISP
Sub picture display : [0] off, [1] on
<6>
SIZE_V
Sub picture vertical size : [0] 1/9, [1] 1/16
<5>
SIZE_H
Sub picture horizontal size : [0] 1/9, [1] 1/16
<4>
WEN
Sub picture : [0] Still, [1] Moving
<3>
BGC
Back ground display : [0] off, [1] on
<2>
BGCS
Sub picture mute : [0] off, [1] on
<1>
FREE_RUN
VCXO ocsilation : [0] Lock, [1] Free run
<0>
RVS
HD / VD input synchronous mode selection : [0] sync., [1] async.
01h <7:0> VXA<7:0>
Sub picture vertical position
02h <7:0> HXA<7:0>
Sub picture horizontal position
03h
<7>
KILLER
Sub picture color killer : [0] enable, [1] disable
<6:0> U_DAC<6:0>
Sub picture U or G DAC output amplitude control
04h
<5:0> TINT<5:0>
Sub picture tint control
05h <7>
GRC
Frame display : [0] off, [1] on
<6:0> CONTRAST<6:0>
Sub picture Y or R DAC output amplitude control
06h
EXT_SC_SEL<1:0>
Sub picture C-Sync sep. input selection :
[0] Digital, [1] 23 pin input, [2] external (18 pin input), [3] Int. analog
07h
<7:6>
<5:0> BG_START<5:0>
Sub picture BGP position setting
08h
DCONT<1:0>
Sub picture digital sync sep.threshold setting
<3:0> YDL<3:0>
Sub picture Y/C delay adjust
09h
<7:4> ADJ<3:0>
Main/Sub switch delay control
0Ah
DECODE
Sub picture color decoder reset : [1] reset
0Bh
<7:5> BGBY<2:0>
Back ground U level setting
<4:0> Y_OFFSET<4:0>
Sub picture Y bright control
0Ch
<6:4> BGRY<2:0>
Back ground V level setting
<3:0> BGY<3:0>
Back ground Y level setting
0Dh
<7>
VCHIP_ONLY
V-chip decode mode : [0] off, [1] on
<3:0>
0Eh
0Fh
<7:6> SYNC_DELAY<1:0>
Sub picture sync.delay control
<5:4> MVP_SEL<1:0>
<3>
C_GAIN_SEL
Sub picture chroma : [0] x1, [1] x2
<2:0> INVLEVEL<2:0>
AFCBITSEL
Sub picture AFC time constant : [0] x2, [1] x1
<6>
<7>
BITSEL
Sub picture Y clamp time constant : [0] x2, [1] x1
symbol
remarks
8
<7>
<6>
YUVN_RGB_SEL
<5:4>
<3:0> HT<3:0>
Sub picture display timing adjust
<7:6> EXPORT<1:0>
Ext. port setting (7 pin) : [0or1] Sub BGP, [2]"0" output, [3]"1" output
<7:4>
PEDESTU<3:0>
Sub picture V pedestal level (2's comp)
PEDESTV<3:0>
Sub picture U pedestal level (2's comp)
<5:0>
ACC_LEVEL<5:0>
Sub picture color decoder amplitude
<7>
UV_FILTER_OFF
<6>
SET_ACC
Address 0Dh, 0Eh setting mode : [0]default, [1] enable to set
<5:4> SYSTEM_MODE<1:0>
System : [0]NTSC , [1]PAL-M, [2]PAL-N, [3] N.A.
SET_SIZE
Address 11h, 12h, 13h, 14h setting mode : [0]default, [1] enable to set
<3>
SET_VCHIP
Address 15h, 16h, 17h setting mode : [0]default , [1] enable to set
<2>
INV_UV
Invert U, V output value : [0] normal, [1] invert
<1>
CROSS_SEL
Sub picture read mode : [0] pixel based, [1] H based
<0>
<7>
AUTO_ENABLE
System automatic judgment : [0] off, [1] on
<6>
BURST_CLOCK_MODE
VCXO mode selection : [0] 1H based, [1] 2H based
<5>
<4>
INV_WFF
Invert sub picture field definition : [0] normal, [1] invert
<3>
INV_RFF
Invert main picture field definition : [0] normal, [1] invert
<2>
ERRSEL
for test : 0 set only
<1>
PIP output mode selection : [0] YUV, [1] RGB
Sub picture decoder macro vision mode selection
Sub picture decoder macro vision mode threshold
bit
address
Reset val.1/9 ex.
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
1
1
1
0
FFh
FFh
20h
20h
33h
32h
33h
32h
1
00h
00h
0
0
3h
Ah
2h
2h
0Eh 0Eh
0h
0h
0h
0h
0
0
0h
0
0
0
0
0
0
0h
0
0
0
0
0h
0h
Ch
Ch
0
0
0
0
0
0
0
0
0h
0h
0
0h
0
0
15h
2h
7h
Fh
2h
0h
0h
0Fh 0Fh
0h
0h
PALN_ENABLE
Main picture PAL-N : [0] enable, [1] disable
<0>
RFF_FIX
AUTO_RFF_FIX
Automatic 50/60Hz Judgement : [0] enable, [1] disable
0
0
Main picture field fix : [0] not fix, [1]fix
Sub picture U, V output filter : [0]on, [1]off


Similar Part No. - M65669FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65665 MITSUBISHI-M65665 Datasheet
266Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665CSP RENESAS-M65665CSP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results

Similar Description - M65669FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667SP RENESAS-M65667SP Datasheet
237Kb / 12P
   Picture-in-Picture Signal Processing
logo
Mitsubishi Electric Sem...
M65617SP MITSUBISHI-M65617SP Datasheet
74Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65667FP MITSUBISHI-M65667FP Datasheet
59Kb / 9P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com