Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65560RGTRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65560RGTRG4
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65560RGTRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65560RGTRG4 Datasheet HTML 3Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 4Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 5Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 6Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 7Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 8Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 9Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 10Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
OFF
ON
OFF
SW
T
LOGIC
V
V
I
I
VZERO
VSW
VBAT
VA
VOUT
0 V
0 V
ISW
IPEAK
0 A
IOUT
IPEAK/NTURN
0 A
Time 1
Time 2
Time 3
Time 4
Time 5
SW
T
VFULL
CHG
XFULL
OFF
ON
OFF
OFF
ON
OFF
VBAT
V
V
S
S
W
W
0 V
VBAT
VOUT
VA
0 V
VOUT
VA
IPEAK
IPEAK/NTURN
IOUT
ISW
ISW
IOUT
IOUT
0 A
0 A
V
V
I
I
Control Charging
t
ON
= L
I
PEAK
V
BAT
(1)
TPS65560
SLVS608 – JANUARY 2006
Figure 5. Timing Diagram at One Switching Cycle
Figure 6. Timing Diagram at Beginning/Ending
The TPS65560 provides three comparators to control charging. Figure 2 shows the block diagram of TPS65560
and Figure 5 shows a timing diagram of one switch cycle. Note that emphasis is placed on Time1 and Time3 of
the waveform in Figure 5.
While SW is ON (Time1 to Time2 in Figure 5), U3 monitors current flow through the integrated power switch from
SW pin to GND. When I(SW) exceeds I(PEAK), SW turns OFF (Time2 in Figure 5).
When SW turns OFF (Time2 in Figure 5), the magnetic energy in the transformer starts discharging. Meanwhile,
U2 monitors the kickback voltage at the SW terminal. As the energy is discharging, the kickback voltage is
increasing according to the increase of VO (Time2 to Time3 in Figure 5). When almost all energy is discharged,
the system cannot continue rectification via the diode, and the charging current of IO goes to zero (Times3 in
Figure 5). After rectification stops, the small amount of energy left in the transformer is released via parasitic
paths, and the kickback voltage reaches zero (Time3 to Time4 in Figure 5). During this period, U2 makes SW
turn ON when (V(SW) - VBAT) dips from V(ZERO) (Time5 in Figure 5). In the actual circuit, the period between Time4
and Time5 in Figure 5 is small or does not appear dependent on the delay time of the U2 detection to SW ON.
U1 also monitors the kickback voltage. When (V(SW) - VBAT) exceeds V(FULL), the TPS65560 stops charging (see
Figure 6).
In Figure 5 and Figure 6, ON time is always the same period in every switch cycle. The ON time is calculated by
Equation 1. L and I(PEAK) are selected to ensure that tON does not exceed the MAX ON time (tMAX).
7
Submit Documentation Feedback


Similar Part No. - TPS65560RGTRG4

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
TPS65560 SUMIDA-TPS65560 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - TPS65560RGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com