Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8021FC Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8021FC
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8021FC Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8021FC Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8021FC Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8021FC Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8021FC Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8021FC Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8021FC Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8021FC Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8021FC Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8021FC Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52028-0, Rev 4.1
Page 7
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8021/VSC8022
8-Bit MUX/DEMUX Chipset
2.5Gb/s SONET-Compatible
Table 5: Power Dissipation
(Over recommended operating conditions, VCC = GND, outputs open circuit)
Absolute Maximum Ratings(1)
Power Supply Voltage (VTT)..........................................................................................................-3.0V to + 0.5V
Power Supply Voltage (VEE).................................................................................................. VTT + 0.7V to -6.0V
ECL Input Voltage Applied(2) (VECLIN) ........................................................................................-2.5V to + 0.5V
High-Speed Input Voltage Applied(2) (VHSIN)............................................................... VEE -0.7V to VCC + 0.7V
Output Current (DC, output HIGH) (IOUT).................................................................................................-50 mA
Case Temperature Under Bias (TC)...............................................................................................-55ºC to +125ºC
Storage Temperature(3) (TSTG)......................................................................................................-65ºC to +150ºC
Recommended Operating Conditions
ECL Power Supply Voltage(4) (VTT).................................................................................................. -2.0V ± 0.1V
Power Supply Voltage (VEE)............................................................................................................-5.2V ± 0.26V
Operating Temperature Range(3) (T) ............................. (Commercial) 0ºC to +70ºC, (Industrial) -40ºC to +85ºC
Notes: (1) Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing perma-
nent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended periods may
affect device reliability.
(2) VTT must be applied before any input signal voltage magnitude (VECLIN  and VHSIN) can be greater than VTT -0.5V.
(3) Lower limit of specification is ambient temperature and upper limit is case temperature.
(4) When using internal ECL 100K reference level.
ESD Ratings
Proper ESD procedures should be used when handling this product. The VSC8021/VSC8022 is rated to the fol-
lowing ESD voltages based on the human body model:
1.
All ECL pins are rated at or above 1000V.
2.
All high-speed clock and data pins at rated at or above 500V.
Parameter
Description
VSC8021
VSC8022
Units
Conditions
Min
Typ
Max
Min
Typ
Max
IEE
Power supply current from VEE
400
600
450
600
mA
ITT
Power supply current from VTT
110
200
120
200
mA
PD
Power dissipation
2.3
3.75
2.6
3.75
W


Similar Part No. - VSC8021FC

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8061 VITESSE-VSC8061 Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8061FC VITESSE-VSC8061FC Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8061QH VITESSE-VSC8061QH Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8062 VITESSE-VSC8062 Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
More results

Similar Description - VSC8021FC

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Potato Semiconductor Co...
PO3B3251A POTATO-PO3B3251A_14 Datasheet
1Mb / 6P
   8:1 Mux/DeMux
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
   SONET/SDH 2.5Gb/s Laser Diode Driver
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
   2.5Gb/s SONET/SDH FEC Encoder and Decoder
logo
Pericom Semiconductor C...
PI5C3251 PERICOM-PI5C3251 Datasheet
373Kb / 6P
   8:1 Mux/DeMux BusSwitch
PI5C3251 PERICOM-PI5C3251_11 Datasheet
481Kb / 4P
   8:1 Mux/DeMux BusSwitch
logo
Vitesse Semiconductor C...
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
   ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com