Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMT5370B155-ST Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # XMT5370B155-ST
Description  155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

XMT5370B155-ST Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  XMT5370B155-ST Datasheet HTML 1Page - Agilent(Hewlett-Packard) XMT5370B155-ST Datasheet HTML 2Page - Agilent(Hewlett-Packard) XMT5370B155-ST Datasheet HTML 3Page - Agilent(Hewlett-Packard) XMT5370B155-ST Datasheet HTML 4Page - Agilent(Hewlett-Packard) XMT5370B155-ST Datasheet HTML 5Page - Agilent(Hewlett-Packard) XMT5370B155-ST Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
155 Mb/s Logic Interface Laser
Transmitter for OC3/STM1
Technical Data
XMT5370155
Features
• SONET/SDH Compliant to
STM1 I-1, S-1.1
OC3 SR, IR-1
• -40°C to +85°C Operation
• Compact 20 Pin Package
• ECL/PECL Logic Interface
• Multisourced Pinout
• Fully Interchangeable High
and Low Power Versions
Applications
• SONET/SDH Systems
• Single Mode ATM
• Fiber to the Home
• Data Communications
Networks
Description
The XMT5370155 is a high
performance uncooled optical
laser transmitter for CCITT SDH
and ANSI SONET applications. It
is designed with an ECL/PECL
logic interface for 155 Mb/s
transmission.
The transmitter incorporates
several features which simplify
system design. It may be operated
with either +5 V or -5 V power
supplies. Standard 10 KH ECL
data interface enables direct
interface with PECL or ECL logic.
The compact transmitter module
contains a pigtailed laser, data
interface, bias and modulation
control circuitry. Thus, no
external components or
adjustments are necessary.
Finally, a laser disable input is
provided to shut down the laser
for standby or test purposes.
The XMT5370155 has -10 dBm
mean output power for short and
intermediate reach systems.
The XMT5370155 provides analog
voltage outputs which are
proportional to laser bias current
and optical power. These may be
used with external circuitry to
detect end-of-life, or over
temperature conditions.
The transmitter is packaged in a
20 pin 0.4" pitch DIP. An
evaluation board is available for
this product. Contact your local
representative for more details.


Similar Part No. - XMT5370B155-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370B-155-FP HP-XMT5370B-155-FP Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370B-155-SC HP-XMT5370B-155-SC Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370B-155-ST HP-XMT5370B-155-ST Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370B-622-FP HP-XMT5370B-622-FP Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370B-622-SC HP-XMT5370B-622-SC Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
More results

Similar Description - XMT5370B155-ST

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
XMT5370-155 HP-XMT5370-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5170-155 HP-XMT5170-155 Datasheet
100Kb / 6P
   155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
XMT5370-622 HP-XMT5370-622 Datasheet
287Kb / 18P
   622 Mb/s Logic Interface Laser Transmitter
XMT5370622 HP-XMT5370622 Datasheet
161Kb / 6P
   622 Mb/s Logic Interface Laser Transmitter
XMT5170-622 HP-XMT5170-622 Datasheet
124Kb / 6P
   622 Mb/s Logic Interface DFB Laser Transmitter
logo
NXP Semiconductors
TZA3031AHL PHILIPS-TZA3031AHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
logo
PMC-Sierra, Inc
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
   155 Mb/s SATURN User Network Interface
PM5346 PMC-PM5346 Datasheet
65Kb / 2P
   155 Mb/s SATURN User Network Interface for LANs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com